データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML22Q553-NNNMB データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 ML22Q553-NNNMB
部品情報  4-Channel Mixing Speech Synthesis LSI
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q553-NNNMB データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  ML22Q553-NNNMB Datasheet HTML 1Page - List of Unclassifed Manufacturers ML22Q553-NNNMB Datasheet HTML 2Page - List of Unclassifed Manufacturers ML22Q553-NNNMB Datasheet HTML 3Page - List of Unclassifed Manufacturers ML22Q553-NNNMB Datasheet HTML 4Page - List of Unclassifed Manufacturers ML22Q553-NNNMB Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22Q553-NNNMB Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22Q553-NNNMB Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22Q553-NNNMB Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22Q553-NNNMB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
FEDL22Q553-02
ML22Q553
PIN DESCRIPTION (1)
Pin
Symbol
I/O Attribute
Description
Attribute
Initial
value
1
AIN
I
Speaker amplifier input pin.
analog
0
2
SG
O
Built-in speaker amplifier’s reference voltage output pin.
Connect a capacitor of 0.1
μF or more between this pin and
DGND.
analog
0
3
VDDR
O
2.5 V regulator output pin.
Acts as an internal power supply (for ROM). Connect a
capacitor of 10
μF or more between this pin and DGND.
analog
0
4,18
DVDD
Digital power supply pin.
Connect a bypass capacitor of 10
μF or more between this
pin and DGND.
power
5,15
DGND
Digital ground pin
gnd
6
VDDL
O
2.5 V regulator output pin.
Acts as an internal power supply (for logic). Connect a
capacitor of 10
μF or more between this pin and DGND.
power
0
7
DIPH
I
Positive
Serial interface switching pin.
Pin for choosing between rising edges and falling edges as
to the edges of the SCK pulses used for shifting serial data
input to the SI pin into the inside of the LSI.
When this pin is at a “L” level, SI input data is shifted into the
LSI on the rising edges of the SCK clock pulses and a status
signal is output from the SO pin on the falling edges of the
SCK clock pulses.
When this pin is at a “H” level, SI input data is shifted into the
LSI on the falling edges of the SCK clock pulses and a status
signal is output from the SO pin on the rising edges of the
SCK clock pulses.
digital
0
8
STATUS
O
Positive
Channel status output pin.
Outputs the BUSYB or NCR signal for each channel by
inputting the OUTSTAT command.
digital
1
9
ERR
O
Positive
Error output pin.
Outputs a “H” level if an error occurs.
digital
0
10
CSB
I
Negative
Chip select pin.
A “L” level on this pin accepts the SCK or SI inputs. When
this pin is at a “H” level, neither the SCK nor SI signal is input
to the LSI.
digital
1
11
SCK
I
Positive Synchronous serial clock input pin.
clk
0
12
SI
I
Synchronous serial data input pin.
When the DIPH pin is at a “L” level, data is shifted in on the
rising edges of the SCK clock pulses.
When the DIPH pin is at a “H” level, data is shifted in on the
falling edges of the SCK clock pulses.
digital
0
13
SO
O
Positive
Channel status serial output pin.
Outputs a status signal on the falling edges of the SCK clock
pulses when the DIPH pin is at a ”L” level; outputs a status
signal on the rising edges of the SCK clock pulses when the
DIPH pin is at a ”H” level.
When the CSB pin is at a ”L” level, the status of each channel
is output serially in sync with the SCK clock. When the CSB
pin is at a ”H” level, this pin goes into a high impedance state.
digital
Hi-Z
5/69


同様の部品番号 - ML22Q553-NNNMB

メーカー部品番号データシート部品情報
logo
OKI electronic componet...
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML22Q54GA OKI-ML22Q54GA Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
ML22Q563 ETC2-ML22Q563 Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q563-NNNMB ETC2-ML22Q563-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q563-xxxMB ETC2-ML22Q563-xxxMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
More results

同様の説明 - ML22Q553-NNNMB

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ML22Q563-NNNMB ETC2-ML22Q563-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q573-NNNMB ETC2-ML22Q573-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
logo
OKI electronic componet...
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
FEDL22Q553-04 ETC2-FEDL22Q553-04 Datasheet
1Mb / 70P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH ROM for Automotive
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
   4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com