データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N105-010-GY データシート(PDF) 2 Page - Tripp Lite. All Rights Reserved

部品番号 N105-010-GY
部品情報  Cat5e 350MHz Molded Shielded Patch Cable (RJ45 M/M) - Gray, 10-ft.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N105-010-GY データシート(HTML) 2 Page - Tripp Lite. All Rights Reserved

  N105-010-GY Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N105-010-GY Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cable Length (ft.)
10
Cable Length (m)
3.05
UPC ASSIGNMENT
Unit Carton UPC#
037332124319
PHYSICAL
Color
Gray
Style
Cat5/5e
CONNECTIONS
Connector A
RJ45 (MALE)
Connector B
RJ45 (MALE)
Number of Connectors
2
CERTIFICATIONS
Certifications
RoHS-Compliant
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


同様の部品番号 - N105-010-GY

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
N105-015-BL TRIPPLITE-N105-015-BL Datasheet
167Kb / 3P
   Cat5e 350 MHz Molded Shielded STP Patch Cable (RJ45 M/M), Blue, 15 ft.
More results

同様の説明 - N105-010-GY

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
N002-010-GY TRIPPLITE-N002-010-GY Datasheet
483Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 10-ft.
N105-050-GY TRIPPLITE-N105-050-GY Datasheet
474Kb / 4P
   Cat5e 350MHz Molded Shielded Patch Cable (RJ45 M/M) - Gray, 50-ft
N001-010-GY TRIPPLITE-N001-010-GY Datasheet
472Kb / 2P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 10-ft.
N002-002-GY TRIPPLITE-N002-002-GY Datasheet
476Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 2-ft.
N002-012-GY TRIPPLITE-N002-012-GY Datasheet
475Kb / 3P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 12-ft.
N002-007-GY TRIPPLITE-N002-007-GY Datasheet
472Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 7-ft.
N002-015-GY TRIPPLITE-N002-015-GY Datasheet
156Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 15-ft.
N002-100-GY TRIPPLITE-N002-100-GY Datasheet
156Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 100-ft.
N105-100-GY TRIPPLITE-N105-100-GY Datasheet
153Kb / 2P
   Cat5e 350MHz Molded Shielded Patch Cable STP (RJ45 M/M) - Gray, 100-ft.
N002-003-GY TRIPPLITE-N002-003-GY Datasheet
473Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 3-ft.
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com