データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT10-270J4LF データシート(PDF) 1 Page - Bourns Electronic Solutions

部品番号 CAT10-270J4LF
部品情報  Model CAT10 - Chip Resistor Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CAT10-270J4LF データシート(HTML) 1 Page - Bourns Electronic Solutions

  CAT10-270J4LF Datasheet HTML 1Page - Bourns Electronic Solutions CAT10-270J4LF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Model CAT10 - Chip Resistor Array
Features
RoHS compliant*
4 isolated resistors in an 0804 size
package
E24 series from 10 ohms to
1 megohm
Concave termination style
Resistance tolerance ±5 %
Suitable for most types of soldering
processes
Paper tape on plastic reel for
automatic placement
Construction
How To Order
CA T 10
- 103 J 4 LF
Chip Arrays
Type
• T = Concave
Model
• 10 = 0804 Package Size
Resistance Code
• 103 = 10K ohms
• 000 = Zero-ohm Jumper
Resistance Tolerance
• J = ±5 %
Resistors
• 4 = 4 pcs.
Terminations
• LF = Tin-plated (RoHS compliant)
Characteristics
Number of Elements..............4 (isolated)
Power Rating per Resistor @ 70 °C
......................................................31 mW
Package Power Rating @ 70 °C..125 mW
Operating Temperature Range
.................................-55 °C to +125 °C
Derated to 0 Load @..................+125 °C
Max. Working Voltage......................25 V
Max. Overload Voltage ....................50 V
Resistance Tolerance .....................±5 %
Resistance Range/E24 Series
..........................10 ohms to 1 megohm
plus Zero-ohm Jumper
T.C.R..................................±250 ppm/°C
Packaging ...........10,000 pieces per reel
Product Dimensions
Land Pattern
1.0 ± 0.10
(.039 ±.004)
0.30 ± 0.15
(.012 ± .006)
0.30 ± 0.15
(.012 ± .006)
0.40 ± 0.15
(.015 ± .006)
0.20 ± 0.10
(.008 ± .004)
0.20 ± 0.10
(.008 ± .004)
0.5
(.020)
2.0 ± 0.10
(.079 ± .004)
0.28 ± 0.10
(.011 ± .004)
0.25
(.010)
0.15
(.006)
Marking
Protective Glass Overcoat
Thick Film Resistive Element
Conductor
Side Termination
High Purity Alumina Substrate
Derating Curve
Typical Part Marking
100
80
60
40
20
0
-55
40
60
80 100 120 140 160
Ambient Temp. (°C)
70 °C
125 °C
DIMENSIONS:
MM
(INCHES)
Isolated Circuit
34
12
87
6
5
RR
RR
1.45 ~ 1.85
(0.057 ~ 0.073)
0.50
(0.020)
0.45
(0.018)
0.25 ~ 0.30
(0.010 ~ 0.012)
For Standard Values Used in Capacitors,
Inductors, and Resistors, click here.
None on part. Label on reel will include
part number.


同様の部品番号 - CAT10-270J4LF

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CAT10-220J4LF BOURNS-CAT10-220J4LF Datasheet
200Kb / 2P
   4 isolated resistors in an 0804 size package
More results

同様の説明 - CAT10-270J4LF

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CAT10-101J4LF BOURNS-CAT10-101J4LF Datasheet
200Kb / 2P
   Model CAT10 - Chip Resistor Array
CAY10-330J4LF BOURNS-CAY10-330J4LF Datasheet
394Kb / 3P
   Model CAY10 - Chip Resistor Array
CAY10-150J4LF BOURNS-CAY10-150J4LF Datasheet
394Kb / 3P
   Model CAY10 - Chip Resistor Array
CAY17-560JALF BOURNS-CAY17-560JALF Datasheet
385Kb / 2P
   Model CAY17 - Bussed Resistor Array
CAY17-472JALF BOURNS-CAY17-472JALF Datasheet
385Kb / 2P
   Model CAY17 - Bussed Resistor Array
CAY17-104JALF BOURNS-CAY17-104JALF Datasheet
385Kb / 2P
   Model CAY17 - Bussed Resistor Array
logo
Nais(Matsushita Electri...
EXB28V NAIS-EXB28V Datasheet
105Kb / 10P
   Chip Resistor Array
logo
Panasonic Semiconductor
EXBV8V473JV PANASONIC-EXBV8V473JV Datasheet
117Kb / 3P
   Chip Resistor Array
logo
Bourns Electronic Solut...
CAY10 BOURNS-CAY10_08 Datasheet
394Kb / 3P
   Chip Resistor Array
CAY10 BOURNS-CAY10 Datasheet
228Kb / 1P
   Chip Resistor Array
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com