データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC-45D16CA721KF-C80 データシート(PDF) 1 Page - NEC

部品番号 MC-45D16CA721KF-C80
部品情報  16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

MC-45D16CA721KF-C80 データシート(HTML) 1 Page - NEC

  MC-45D16CA721KF-C80 Datasheet HTML 1Page - NEC MC-45D16CA721KF-C80 Datasheet HTML 2Page - NEC MC-45D16CA721KF-C80 Datasheet HTML 3Page - NEC MC-45D16CA721KF-C80 Datasheet HTML 4Page - NEC MC-45D16CA721KF-C80 Datasheet HTML 5Page - NEC MC-45D16CA721KF-C80 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
2000
MOS INTEGRATED CIRCUIT
MC-45D16CA721
Document No. M14898EJ2V0DS00 (2nd edition)
Date Published June 2000 NS CP(K)
Printed in Japan
PRELIMINARY DATA SHEET
16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE
UNBUFFERED TYPE
The mark 5
5
5
5 shows major revised points.
Description
The MC-45D16CA721 is a 16,777,216 words by 72 bits DDR synchronous dynamic RAM module on which 9 pieces
of 128M DDR SDRAM:
µPD45D128842 are assembled.
These modules provide high density and large quantities of memory in a small space without utilizing the surface-
mounting technology on the printed circuit board.
Decoupling capacitors are mounted on power supply line for noise reduction.
Features
• 16,777,216 words by 72 bits organization (ECC type)
• Clock frequency
Part number
/CAS latency
Clock frequency
Module type
(MAX.)
MC-45D16CA721KF-C75
CL = 2.5
133 MHz
DDR SDRAM
CL = 2
100 MHz
Unbuffered DIMM
MC-45D16CA721KF-C80
CL = 2.5
125 MHz
Design specification
CL = 2
100 MHz
Rev.0.9 compliant
• Fully Synchronous Dynamic RAM with all signals except DM, DQS and DQ referenced to a positive clock edge
• Double Data Rate interface
Differential CLK (/CLK) input
Data inputs and DM are synchronized with both edges of DQS
Data outputs and DQS are synchronized with a cross point of CLK and /CLK
• Quad internal banks operation
• Possible to assert random column address in every clock cycle
• Programmable Mode register set
/CAS latency (2, 2.5)
Burst length (2, 4, 8)
Wrap sequence (Sequential / Interleave)
• Automatic precharge and controlled precharge
• CBR (Auto) refresh and self refresh
• 2.5 V ± 0.2 V Power supply for VDD
• 2.5 V ± 0.2 V Power supply for VDDQ
• SSTL_2 compatible with all signals
• 4,096 refresh cycles / 64 ms
• Burst termination by Precharge command and Burst stop command
• 184-pin dual in-line memory module (Pin pitch = 1.27 mm)
• Unbuffered type
• Serial PD


同様の部品番号 - MC-45D16CA721KF-C80

メーカー部品番号データシート部品情報
logo
Elpida Memory
MC-45D16CA721KF-C80 ELPIDA-MC-45D16CA721KF-C80 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

同様の説明 - MC-45D16CA721KF-C80

メーカー部品番号データシート部品情報
logo
Elpida Memory
MC-45D16CA721 ELPIDA-MC-45D16CA721 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D32CC721 NEC-MC-45D32CC721 Datasheet
259Kb / 6P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D32CC721 ELPIDA-MC-45D32CC721 Datasheet
190Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D16CB641 NEC-MC-45D16CB641 Datasheet
244Kb / 6P
   16 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D16CB641 ELPIDA-MC-45D16CB641 Datasheet
170Kb / 16P
   16 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D16DA721 ELPIDA-MC-45D16DA721 Datasheet
180Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-454AC724 NEC-MC-454AC724 Datasheet
660Kb / 12P
   4M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CA727 NEC-MC-458CA727 Datasheet
198Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA727 NEC-MC-4516CA727 Datasheet
213Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com