データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1004-E-GM データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 SI1004-E-GM
部品情報  Si1000/Si1010 WIRELESS MCU QUICK-START GUIDE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SI1004-E-GM データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  SI1004-E-GM Datasheet HTML 1Page - List of Unclassifed Manufacturers SI1004-E-GM Datasheet HTML 2Page - List of Unclassifed Manufacturers SI1004-E-GM Datasheet HTML 3Page - List of Unclassifed Manufacturers SI1004-E-GM Datasheet HTML 4Page - List of Unclassifed Manufacturers SI1004-E-GM Datasheet HTML 5Page - List of Unclassifed Manufacturers SI1004-E-GM Datasheet HTML 6Page - List of Unclassifed Manufacturers SI1004-E-GM Datasheet HTML 7Page - List of Unclassifed Manufacturers SI1004-E-GM Datasheet HTML 8Page - List of Unclassifed Manufacturers SI1004-E-GM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Si1000/10 QSG
4
Rev. 0.1
d. Select GFSK from Modulation Type.
e. Select PN9 from Modulation Data.
f.
Click Update to write these values to the radio.
11. Connect a spectrum analyzer to the antenna output:
You should see a GFSK-modulated test signal at 903 MHz.
12.Use the Register Setting panel to adjust the Transmit Power register:
Close the Radio Control panel. The Application Select panel will open:


同様の部品番号 - SI1004-E-GM

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
Si1004-E-GM SILABS-Si1004-E-GM Datasheet
99Kb / 2P
   Silicon Labs is pleased to announce Revision 1.2 of the Si100x datasheet
Si1004-E-GM2 SILABS-Si1004-E-GM2 Datasheet
2Mb / 382P
   MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
More results

同様の説明 - SI1004-E-GM

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
AN675 SILABS-AN675 Datasheet
593Kb / 2P
   PRECISION32??MCU DEVELOPMENT KIT QUICK-START GUIDE
CP2105-EK SILABS-CP2105-EK Datasheet
261Kb / 10P
   Quick Start Guide
CP2104-EK SILABS-CP2104-EK Datasheet
218Kb / 8P
   Quick Start Guide
CP2110-EK SILABS-CP2110-EK Datasheet
287Kb / 10P
   Quick Start Guide
logo
Zilog, Inc.
QS0075 ZILOG-QS0075 Datasheet
1Mb / 19P
   Quick Start Guide
QS0086 ZILOG-QS0086 Datasheet
291Kb / 18P
   Quick Start Guide
logo
NXP Semiconductors
MPC830X-TLCD NXP-MPC830X-TLCD Datasheet
934Kb / 4P
   Quick Start Guide
11/3/11
logo
Silicon Laboratories
CP2112-EK SILABS-CP2112-EK Datasheet
434Kb / 14P
   Quick Start Guide
logo
Maxim Integrated Produc...
MAXREFDES143 MAXIM-MAXREFDES143 Datasheet
3Mb / 15P
   Quick Start Guide
UG6296 ; Rev 0; 6/16
logo
Freescale Semiconductor...
DEMO9S08QG8QSG FREESCALE-DEMO9S08QG8QSG Datasheet
56Kb / 2P
   DEMO9S08QG8 Quick Start Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com