データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


HD44780 データシート(Datasheet) 54 Page - Hitachi Semiconductor

部品番号. HD44780
部品情報  Dot Matrix Liquid Crystal Display Controller/Driver
ダウンロード  59 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  HITACHI [Hitachi Semiconductor]
ホームページ  http://www.renesas.com/eng
Logo 

 54 page
background image
HD44780U
54
Electrical Characteristics Notes
1. All voltage values are referred to GND = 0 V.
VCC
A
B
A
1.5 V
B
0.25
× A
The conditions of V1 and V5 voltages are for proper
operation of the LSI and not for the LCD output level.
The LCD drive voltage condition for the LCD output
level is specified as LCD voltage VLCD.
A =
B =
VCC –V5
VCC –V1
V1
V5
2. V
CC ≥ V1 ≥ V2 ≥ V3 ≥ V4 ≥ V5 must be maintained.
3. For die products, specified at 75
°C.
4. For die products, specified by the die shipment specification.
5. The following four circuits are I/O pin configurations except for liquid crystal display output.
PMOS
NMOS
VCC
VCC
PMOS
NMOS
(pull up MOS)
PMOS
VCC
PMOS
NMOS
VCC
NMOS
NMOS
VCC
PMOS
NMOS
(output circuit)
(tristate)
Output enable
Data
(pull-up MOS)
I/O Pin
Pins: DB0 –DB7
(MOS with pull-up)
Input pin
Pin: E (MOS without pull-up)
Pins: RS, R/W (MOS with pull-up)
Output pin
Pins: CL1, CL2, M, D
VCC
(input circuit)
PMOS
PMOS
Input enable




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
DM161316 characters x 1 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DM161B16 characters x 1 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
HD66780Dot Matrix Liquid Crystal Display Controller and Driver 1 2 3 4 5 MoreHitachi Semiconductor
DM162016 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DM162116 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DS202320 CHARACTERS * 2 LINES LIQUID CRYSTAL DOT MATRIX DISPLAY MODULE 1 2 3 4 5 MoreSanyo Semicon Device
DM162216 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
DM162316 characters x 2 line Liquid Crystal Dot Matrix Display Module 1 2 3 4 5 MoreSanyo Semicon Device
HD61203U Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver 1 2 3 4 5 MoreHitachi Semiconductor
LMG-SSC12A64DOT MATRIX LIQUID CRYSTAL DISPLAY MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl