データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HD44780 データシート(PDF) 59 Page - Hitachi Semiconductor

部品番号 HD44780
部品情報  Dot Matrix Liquid Crystal Display Controller/Driver
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HITACHI [Hitachi Semiconductor]
ホームページ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD44780 データシート(HTML) 59 Page - Hitachi Semiconductor

Back Button HD44780 Datasheet HTML 51Page - Hitachi Semiconductor HD44780 Datasheet HTML 52Page - Hitachi Semiconductor HD44780 Datasheet HTML 53Page - Hitachi Semiconductor HD44780 Datasheet HTML 54Page - Hitachi Semiconductor HD44780 Datasheet HTML 55Page - Hitachi Semiconductor HD44780 Datasheet HTML 56Page - Hitachi Semiconductor HD44780 Datasheet HTML 57Page - Hitachi Semiconductor HD44780 Datasheet HTML 58Page - Hitachi Semiconductor HD44780 Datasheet HTML 59Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 59 / 59 page
background image
HD44780U
59
CL1
CL2
D
M
VOH2
VOH2
VOL2
tct
tCWH
tCWH
tCSU
VOH2
tCSU
tCWL
tct
tDH
tSU
VOH2
tDM
VOH2
VOL2
VOL2
Figure 27 Interface Timing with External Driver
VCC
0.2 V
2.7 V/4.5 V*2
0.2 V
0.2 V
trcc
tOFF*1
0.1 ms
trcc 10 ms
tOFF
1 ms
Notes: 1.
2.
3.
tOFF compensates for the power oscillation period caused by momentary power supply
oscillations.
Specified at 4.5 V for 5-V operation, and at 2.7 V for 3-V operation.
For if 4.5 V is not reached during 5-V operation, the internal reset circuit will not operate
normally.
In this case, the LSI must be initialized by software. (Refer to the Initializing by
Instruction section.)
Figure 28 Internal Power Supply Reset


同様の部品番号 - HD44780

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
513Kb / 97P
   Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver with Key Scan Function
More results

同様の説明 - HD44780

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66717 HITACHI-HD66717 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
logo
List of Unclassifed Man...
AX6108 ETC2-AX6108 Datasheet
243Kb / 31P
   Dot Matrix Liquid Crystal Graphic Display Column Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com