データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NE32584C データシート(PDF) 2 Page - NEC

部品番号 NE32584C
部品情報  C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

NE32584C データシート(HTML) 2 Page - NEC

  NE32584C Datasheet HTML 1Page - NEC NE32584C Datasheet HTML 2Page - NEC NE32584C Datasheet HTML 3Page - NEC NE32584C Datasheet HTML 4Page - NEC NE32584C Datasheet HTML 5Page - NEC NE32584C Datasheet HTML 6Page - NEC NE32584C Datasheet HTML 7Page - NEC NE32584C Datasheet HTML 8Page - NEC NE32584C Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
NE32584C
ELECTRICAL CHARACTERISTICS (TA = 25
qqqqC)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Gate to Source Leak Current
IGSO
0.5
10
PAVGS = ð3 V
Saturated Drain Current
IDSS
20
60
90
mA
VDS = 2 V, VGS = 0 V
Gate to Source Cutoff Voltage
VGS(off)
ð0.2
ð0.7
ð2.0
V
VDS = 2 V, ID = 100
PA
Transconductance
gm
45
60
mS
VDS = 2 V, ID = 10 mA
Noise Figure
NF
0.45
0.55
dB
VDS = 2 V, ID = 10 mA, f = 12 GHz
Associated Gain
Ga
11.0
12.5
dB
TYPICAL CHARACTERISTICS (TA = 25
qqqqC)
250
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TA - Ambient Temperature - ¡C
200
150
100
50
0
50
100
150
200
250
100
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
80
60
40
20
0
1.5
3.0
60
40
20
0
DRAIN CURRENT vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
VDS = 2 V
–2.0
–1.0
0
24
20
16
12
8
0
MAXIMUM AVAILABLE GAIN, FORWARD
INSERTION GAIN vs. FREQUENCY
f - Frequency - GHz
VDS = 2 V
ID = 10 mA
VGS = 0 V
–0.2 V
–0.4 V
–0.6 V
–0.8 V
|S21s|2
MAG.
MSG.
30
20
14
10
8
6
3
2
1


同様の部品番号 - NE32584C

メーカー部品番号データシート部品情報
logo
NEC
NE32584C NEC-NE32584C Datasheet
57Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32584C-S NEC-NE32584C-S Datasheet
57Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE32584C-S CEL-NE32584C-S Datasheet
58Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32584C-T1 NEC-NE32584C-T1 Datasheet
57Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE32584C-T1 CEL-NE32584C-T1 Datasheet
58Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
More results

同様の説明 - NE32584C

メーカー部品番号データシート部品情報
logo
California Eastern Labs
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 NEC-NE425S01 Datasheet
57Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3512S02 RENESAS-NE3512S02 Datasheet
200Kb / 11P
   C TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE425S01 NEC-NE425S01_98 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE325S01 CEL-NE325S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE325S01 NEC-NE325S01 Datasheet
60Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE429M01 NEC-NE429M01 Datasheet
50Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com