データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NE34018-T1 データシート(PDF) 1 Page - NEC

部品番号 NE34018-T1
部品情報  L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

NE34018-T1 データシート(HTML) 1 Page - NEC

  NE34018-T1 Datasheet HTML 1Page - NEC NE34018-T1 Datasheet HTML 2Page - NEC NE34018-T1 Datasheet HTML 3Page - NEC NE34018-T1 Datasheet HTML 4Page - NEC NE34018-T1 Datasheet HTML 5Page - NEC NE34018-T1 Datasheet HTML 6Page - NEC NE34018-T1 Datasheet HTML 7Page - NEC NE34018-T1 Datasheet HTML 8Page - NEC NE34018-T1 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATA SHEET
HJ-FET
NE34018
L to S BAND LOW NOISE AMPLIFIER
N-CHANNEL HJ-FET
1996
©
Document No. P11618EJ3V0DS00 (3rd edition)
Date Published September 1997 N
Printed in Japan
DESCRIPTION
NE34018 is a n-channel HJ-FET housed in MOLD package.
FEATURES
x
Low noise figure
NF = 0.6 dB TYP. at f = 2 GHz
x
High associated gain
Ga = 16 dB TYP. at f = 2 GHz
x
Gate width: Wg = 400
Pm
x
4 pins super mini mold
x
Tape & reel packaging only available
ORDERING INFORMATION
PART NUMBER
QUANTITY
PACKING STYLE
NE34018-T1
3 Kpcs/Reel.
Embossed tape 8 mm wide. Pin 3
(Source), Pin 4 (Drain) face to
perforation side of the tape.
NE34018-T2
3 Kpcs/Reel.
Embossed tape 8 mm wide. Pin 1
(Source), Pin 2 (Gate) face to
perforation side of the tape.
*
Please contact with responsible NEC person, if you require evaluation
sample. Unit sample quantity shall be 50 pcs. (Part number for sample
order: NE34018)
ABSOLUTE MAXIMUM RATINGS (TA = 25
qqqqC)
Drain to Source Voltage
VDS
4.0
V
Gate to Source Voltage
VGS
ð3.0
V
Gate Current
ID
IDSS
mA
Total Power Dissipation
Ptot
150
mW
Channel Temperature
Tch
125
qC
Storage Temperature
Tstg
ð65 to +125
qC
PACKAGE DIMENSIONS
in millimeters
2.1 ±0.2
1.25 ±0.1
PIN CONNECTIONS
1. Source
2. Gate
3. Source
4. Drain


同様の部品番号 - NE34018-T1

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
NE34018-T1 RENESAS-NE34018-T1 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
More results

同様の説明 - NE34018-T1

メーカー部品番号データシート部品情報
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE38018 NEC-NE38018 Datasheet
94Kb / 16P
   L to S BAND LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M14 RENESAS-NE3509M14_15 Datasheet
219Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE3509M14 RENESAS-NE3509M14 Datasheet
208Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE3519M04 RENESAS-NE3519M04 Datasheet
226Kb / 13P
   N-channel GaAs HJ-FET, L to C Band Low Noise Amplifier
logo
NEC
NE33284A NEC-NE33284A Datasheet
62Kb / 10P
   L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com