データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TP2535N3-G データシート(PDF) 2 Page - Supertex, Inc

部品番号 TP2535N3-G
部品情報  P-Channel Enhancement Mode Vertical DMOS FETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUTEX [Supertex, Inc]
ホームページ  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2535N3-G データシート(HTML) 2 Page - Supertex, Inc

  TP2535N3-G Datasheet HTML 1Page - Supertex, Inc TP2535N3-G Datasheet HTML 2Page - Supertex, Inc TP2535N3-G Datasheet HTML 3Page - Supertex, Inc TP2535N3-G Datasheet HTML 4Page - Supertex, Inc TP2535N3-G Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
TP2535
Supertex inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Thermal Characteristics
Package
I
D
(continuous)
(mA)
I
D
(pulsed)
(A)
Power Dissipation
@ T
A = 25
O
C
(W)
θ
jc
O
C/W
θ
ja
O
C/W
I
DR
(mA)
I
DRM
(A)
TO-92
-86
-0.6
0.74
125
170
-86
-0.6
† I
D (continuous) is limited by max rated Tj .
Switching Waveforms and Test Circuit
90%
10%
90%
90%
10%
10%
Pulse
Generator
V
DD
R
L
Output
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
f
t
r
INPUT
INPUT
OUTPUT
0V
VDD
R
GEN
0V
-10V
Sym
Parameter
Min
Typ
Max
Units
Conditions
Electrical Characteristics (T
A = 25°C unless otherwise specified)
BV
DSS
Drain-to-source breakdown voltage
-350
-
-
V
V
GS = 0V, ID = -2.0mA
V
GS(th)
Gate threshold voltage
-1.0
-
-2.4
V
V
GS = VDS, ID= -1.0mA
∆V
GS(th)
Change in V
GS(th) with temperature
-
-
4.8
mV/OC
V
GS = VDS, ID= -1.0mA
I
GSS
Gate body leakage
-
-
-100
nA
V
GS = ± 20V, VDS = 0V
I
DSS
Zero gate voltage drain current
-
-
-10
μA
V
GS = 0V, VDS = Max Rating
-
-1.0
mA
V
DS = 0.8 Max Rating,
V
GS = 0V, TA = 125°C
I
D(ON)
On-state drain current
-0.2
-0.3
-
A
V
GS = -4.5V, VDS = -25V
-0.4
-1.1
-
V
GS = -10V, VDS = -25V
R
DS(ON)
Static drain-to-source on-state resistance
-
20
30
Ω
V
GS = -4.5V, ID = -100mA
19
25
V
GS = -10V, ID = -100mA
∆R
DS(ON)
Change in R
DS(ON) with temperature
-
-
0.75
%/OC
V
GS = -10V, ID = -100mA
G
FS
Forward transconductance
100
175
-
mmho
V
DS = -25V, ID = -100mA
C
ISS
Input capacitance
-
60
125
pF
V
GS = 0V,
V
DS = -25V,
f = 1.0 MHz
C
OSS
Common source output capacitance
-
20
70
C
RSS
Reverse transfer capacitance
-
10
25
t
d(ON)
Turn-on delay time
-
-
10
ns
V
DD = -25V,
I
D = -0.4A,
R
GEN = 25Ω
t
r
Rise time
-
-
10
t
d(OFF)
Turn-off delay time
-
-
20
t
f
Fall time
-
-
13
V
SD
Diode forward voltage drop
-
-
-1.8
V
V
GS = 0V, ISD = -100mA
t
rr
Reverse recovery time
-
300
-
ns
V
GS = 0V, ISD = -100mA
Notes:
All D.C. parameters 100% tested at 25OC unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
All A.C. parameters sample tested.
1.
2.


同様の部品番号 - TP2535N3-G

メーカー部品番号データシート部品情報
logo
Supertex, Inc
TP2535N3 SUTEX-TP2535N3 Datasheet
481Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
More results

同様の説明 - TP2535N3-G

メーカー部品番号データシート部品情報
logo
Supertex, Inc
VP1504 SUTEX-VP1504 Datasheet
339Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP2520 SUTEX-TP2520_07 Datasheet
576Kb / 5P
   P-Channel Enhancement Mode Vertical DMOS FETs
VP0104 SUTEX-VP0104 Datasheet
46Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP1506 SUTEX-VP1506 Datasheet
27Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP2106 SUTEX-VP2106 Datasheet
456Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP0606 SUTEX-TP0606 Datasheet
454Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP07L SUTEX-TP07L Datasheet
73Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs????
TP2424N8-G SUTEX-TP2424N8-G Datasheet
347Kb / 3P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP2540N3-G SUTEX-TP2540N3-G Datasheet
711Kb / 6P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP0610T-G SUTEX-TP0610T-G Datasheet
656Kb / 5P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP2635 SUTEX-TP2635_07 Datasheet
562Kb / 5P
   P- Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com