データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U10A6CID データシート(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

部品番号 U10A6CID
部品情報  10.0 Ampere Insulated Dual Tandem Polarity Ultra Fast Recovery Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  THINKISEMI [Thinki Semiconductor Co., Ltd.]
ホームページ  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

U10A6CID データシート(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  U10A6CID Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. U10A6CID Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
200
140
200
400
280
400
600
420
600
10.0
10.0
100
1.3
1.7
0.98
35
250
65
2.2
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
oCW
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 5.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
R JC
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
Unit : inch (mm)
®
U10A2CID thru U10A6CID
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Pb Free Plating Product
U10A2CID thru U10A6CID
Pb
10.0 Ampere Insulated Dual Tandem Polarity Ultra Fast Recovery Diodes
Positive
Negative
Doubler
Common Cathode
Case
Case
Case
Common Anode
Suffix "A"
Suffix "D"
Suffix "C"
ITO-220AB
.189(4.8)
.406(10.3)
.130(3.3)
.114(2.9)
.071(1.8)
.055(1.4)
.035(0.9)
.011(0.3)
(2.55)
(2.55)
.1
.1
.032(.8)
.134(3.4)
.165(4.2)
.381(9.7)
.114(2.9)
.098(2.5)
.055(1.4)
.039(1.0)
MAX
.118(3.0)
Tandem Polarity
U10A2CID U10A4CID U10A6CID
Rev.04
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: Isolation ITO-220AB full plastic
High surge current capability
Weight: 2.03 gram approxiamtely
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
Application
Automotive Inverters/Solar Inverters
Plating Power Supply,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
Glass passivation pellet


同様の部品番号 - U10A6CID

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
U10A6CI KEC-U10A6CI Datasheet
351Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
logo
Thinki Semiconductor Co...
U10A6CIA THINKISEMI-U10A6CIA Datasheet
628Kb / 2P
   10.0 Ampere Insulated Common Anode Ultra Fast Recovery Diodes
U10A6CIC THINKISEMI-U10A6CIC Datasheet
617Kb / 2P
   10.0 Ampere Insulated Common Cathode Ultra Fast Recovery Diodes
logo
KEC(Korea Electronics)
U10A6CIC KEC-U10A6CIC Datasheet
352Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
More results

同様の説明 - U10A6CID

メーカー部品番号データシート部品情報
logo
Thinki Semiconductor Co...
SDURF1020CTD THINKISEMI-SDURF1020CTD_V01 Datasheet
273Kb / 2P
   10.0 Ampere Insulated Dual Tandem Polarity Ultra Fast Recovery Rectifiers
F1B2CDI THINKISEMI-F1B2CDI Datasheet
627Kb / 2P
   10.0 Ampere Insulated Dual Tandem Polarity Fast Recovery Rectifiers
SDURF1520CTD THINKISEMI-SDURF1520CTD_V01 Datasheet
271Kb / 2P
   15.0 Ampere Insulated Dual Tandem Polarity Ultra Fast Recovery Rectifiers
SDURF3020CTD THINKISEMI-SDURF3020CTD_V01 Datasheet
275Kb / 2P
   30.0 Ampere Insulated Dual Tandem Polarity Ultra Fast Recovery Rectifiers
SDURF3020CTD THINKISEMI-SDURF3020CTD Datasheet
764Kb / 2P
   30.0 Ampere Insulated Dual Tandem Polarity Ultra Fast Recovery Rectifiers
SDURF2020CTD THINKISEMI-SDURF2020CTD_V01 Datasheet
272Kb / 2P
   20.0 Ampere Insulated Dual Tandem Polarity Ultra Fast Recovery Rectifiers
SDURF1620CTD THINKISEMI-SDURF1620CTD_V01 Datasheet
271Kb / 2P
   16.0 Ampere Insulated Dual Tandem Polarity Ultra Fast Recovery Rectifiers
SF104D THINKISEMI-SF104D Datasheet
620Kb / 2P
   10.0 Ampere Dual Tandem Polarity Super Fast Recovery Rectifier
MURF1020CD THINKISEMI-MURF1020CD Datasheet
283Kb / 2P
   10.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
URF1020D THINKISEMI-URF1020D Datasheet
287Kb / 2P
   10.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com