データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQD10N20C データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FQD10N20C
部品情報  N-Channel QFET MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD10N20C データシート(HTML) 1 Page - Fairchild Semiconductor

  FQD10N20C Datasheet HTML 1Page - Fairchild Semiconductor FQD10N20C Datasheet HTML 2Page - Fairchild Semiconductor FQD10N20C Datasheet HTML 3Page - Fairchild Semiconductor FQD10N20C Datasheet HTML 4Page - Fairchild Semiconductor FQD10N20C Datasheet HTML 5Page - Fairchild Semiconductor FQD10N20C Datasheet HTML 6Page - Fairchild Semiconductor FQD10N20C Datasheet HTML 7Page - Fairchild Semiconductor FQD10N20C Datasheet HTML 8Page - Fairchild Semiconductor FQD10N20C Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
November 2013
©2003 Fairchild Semiconductor Corporation
FQD10N20C / FQU10N20C Rev. C2
www.fairchildsemi.com
1
Absolute Maximum Ratings T
C = 25°C unless otherwise noted.
Thermal Characteristics
Symbol
Parameter
FQD10N20CTM / FQU10N20CTU
Unit
VDSS
Drain-Source Voltage
200
V
ID
Drain Current
- Continuous (TC = 25°C)
7.8
A
- Continuous (TC = 100°C)
5.0
A
IDM
Drain Current
- Pulsed
(Note 1)
31.2
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
210
mJ
IAR
Avalanche Current
(Note 1)
7.8
A
EAR
Repetitive Avalanche Energy
(Note 1)
5.0
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
PD
Power Dissipation (TC = 25°C)
50
W
- Derate above 25°C
0.4
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
FQD10N20CTM / FQU10N20CTU
Unit
RθJC
Thermal Resistance, Junction-to-Case, Max.
2.5
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient, Max.
110
FQD10N20C / FQU10N20C
N-Channel QFET® MOSFET
200 V, 7.8 A, 360 mΩ
Features
• 7.8 A, 200 V, RDS(on) = 360 mΩ (Max.) @ VGS = 10 V,
ID = 3.9 A
• Low Gate Charge (Typ. 20 nC)
• Low Crss (Typ. 40.5 pF)
• 100% Avalanche Tested
Description
This N-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor’s proprietary
planar stripe and DMOS technology. This advanced
MOSFET technology has been especially tailored to reduce
on-state resistance, and to provide superior switching
performance and high avalanche energy strength. These
devices are suitable for switched mode power supplies,
active power factor correction (PFC), and electronic lamp
ballasts.
G
D
S
I-PAK
D-PAK
G
S
D
G
S
D


同様の部品番号 - FQD10N20C

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQD10N20C FAIRCHILD-FQD10N20C Datasheet
589Kb / 9P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C Datasheet
1Mb / 9P
   N-Channel QFET MOSFET 200 V, 7.8 A, 360 mOhm
FQD10N20C FAIRCHILD-FQD10N20C Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQD10N20C ISC-FQD10N20C Datasheet
347Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQD10N20CTM FAIRCHILD-FQD10N20CTM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET 200 V, 7.8 A, 360 mOhm
More results

同様の説明 - FQD10N20C

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQB5N90 FAIRCHILD-FQB5N90_13 Datasheet
709Kb / 9P
   N-Channel QFET MOSFET
FQT7N10TF FAIRCHILD-FQT7N10TF Datasheet
628Kb / 8P
   N-Channel QFET MOSFET
FQD4N25TM FAIRCHILD-FQD4N25TM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQU13N10TU FAIRCHILD-FQU13N10TU Datasheet
867Kb / 8P
   N-Channel QFET MOSFET
FQD18N20V2 FAIRCHILD-FQD18N20V2_13 Datasheet
737Kb / 9P
   N-Channel QFET MOSFET
FQPF13N50T FAIRCHILD-FQPF13N50T Datasheet
1Mb / 10P
   N-Channel QFET MOSFET
FQD19N10 FAIRCHILD-FQD19N10_13 Datasheet
545Kb / 8P
   N-Channel QFET MOSFET
FQD13N10 FAIRCHILD-FQD13N10_13 Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQD19N10L FAIRCHILD-FQD19N10L_13 Datasheet
530Kb / 8P
   N-Channel QFET MOSFET
FQP6N80C FAIRCHILD-FQP6N80C_13 Datasheet
855Kb / 10P
   N-Channel QFET MOSFET
FQT7N10LTF FAIRCHILD-FQT7N10LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com