データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSTU6800MTCX データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FSTU6800MTCX
部品情報  10-Bit Bus Switch with Precharged Outputs and ??V Undershoot Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTU6800MTCX データシート(HTML) 5 Page - Fairchild Semiconductor

  FSTU6800MTCX Datasheet HTML 1Page - Fairchild Semiconductor FSTU6800MTCX Datasheet HTML 2Page - Fairchild Semiconductor FSTU6800MTCX Datasheet HTML 3Page - Fairchild Semiconductor FSTU6800MTCX Datasheet HTML 4Page - Fairchild Semiconductor FSTU6800MTCX Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
24-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package Number MTC24
Technology Description
The Fairchild Switch family derives from and embodies Fairchild’s proven switch technology used for several years in its
74LVX3L384 (FST3384) bus switch product.
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


同様の部品番号 - FSTU6800MTCX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSTU6800MTC FAIRCHILD-FSTU6800MTC Datasheet
181Kb / 5P
   10-Bit Bus Switch with Pre-Charged Outputs and −2V Undershoot Hardened Circuit (UHC) Protection
FSTU6800MTC FAIRCHILD-FSTU6800MTC Datasheet
191Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and −2V Undershoot Protection
More results

同様の説明 - FSTU6800MTCX

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810_02 Datasheet
90Kb / 9P
   10-bit bus switch with precharged outputs and Schottky undershoot protection
2002 Dec 13
logo
Fairchild Semiconductor
FSTU6800 FAIRCHILD-FSTU6800_06 Datasheet
191Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and −2V Undershoot Protection
FSTU32X800 FAIRCHILD-FSTU32X800 Datasheet
194Kb / 5P
   20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
logo
Pericom Semiconductor C...
PI5C6801C PERICOM-PI5C6801C Datasheet
339Kb / 5P
   10-Bit Bus Switch with Precharged Outputs for Live Insertion and - 2V Undershoot Protection
logo
Texas Instruments
SN74CBTK6800 TI1-SN74CBTK6800 Datasheet
693Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810 Datasheet
52Kb / 8P
   10-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
logo
Texas Instruments
SN74CBT6800C TI1-SN74CBT6800C Datasheet
816Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS WITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16811C TI-SN74CBT16811C Datasheet
187Kb / 11P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16800C TI1-SN74CBT16800C Datasheet
498Kb / 13P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT6845C TI-SN74CBT6845C Datasheet
679Kb / 20P
[Old version datasheet]   8-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com