データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HD74LV174A データシート(PDF) 5 Page - Hitachi Semiconductor

部品番号 HD74LV174A
部品情報  Hex D-type Flip-Flops with Clear
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HITACHI [Hitachi Semiconductor]
ホームページ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV174A データシート(HTML) 5 Page - Hitachi Semiconductor

  HD74LV174A Datasheet HTML 1Page - Hitachi Semiconductor HD74LV174A Datasheet HTML 2Page - Hitachi Semiconductor HD74LV174A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV174A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV174A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV174A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV174A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV174A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV174A Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
HD74LV174A
5
DC Electrical Characteristics
• Ta = –40 to 85°C
Item
Symbol
V
CC (V)*
Min
Typ
Max
Unit
Test Conditions
Input voltage
V
IH
2.0
1.5
V
2.3 to 2.7
V
CC × 0.7
3.0 to 3.6
V
CC × 0.7
4.5 to 5.5
V
CC × 0.7
V
IL
2.0
0.5
2.3 to 2.7
V
CC × 0.3
3.0 to 3.6
V
CC × 0.3
4.5 to 5.5
V
CC × 0.3
Output voltage
V
OH
Min to
Max
V
CC – 0.1
V
I
OH = –50 µA
2.3
2.0
I
OH = –2 mA
3.0
2.48
I
OH = –6 mA
4.5
3.8
I
OH = –12 mA
V
OL
Min to
Max
0.1
I
OL = 50 µA
2.3
0.4
I
OL = 2 mA
3.0
0.44
I
OL = 6 mA
4.5
0.55
I
OL = 12 mA
Input current
I
IN
0 to 5.5
±1
µAV
I = 5.5 V or GND
Quiescent
supply current
I
CC
5.5
20
µAV
I = VCC or GND, IO = 0
Output leakage
current
I
OFF
0—
5
µAV
I or VO = 0 V to 5.5 V
Input
capacitance
C
IN
3.3
1.7
pF
V
I = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating
conditions.


同様の部品番号 - HD74LV174A

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74LV175A HITACHI-HD74LV175A Datasheet
66Kb / 15P
   Quad. D-type Flip-Flops with Clear
More results

同様の説明 - HD74LV174A

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54LV174A TI-SN54LV174A Datasheet
146Kb / 7P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC174 HITACHI-HD74HC174 Datasheet
51Kb / 9P
   Hex D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54AHC174 TI-SN54AHC174_07 Datasheet
584Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI1-SN54AHCT174_15 Datasheet
775Kb / 17P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC174 FAIRCHILD-MM74HC174 Datasheet
72Kb / 7P
   Hex D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV174 TI-SN54LV174 Datasheet
155Kb / 8P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC174 TI-SN54HC174 Datasheet
92Kb / 6P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI-SN54AHCT174 Datasheet
101Kb / 6P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
CD54ACT174 TI-CD54ACT174 Datasheet
316Kb / 10P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Renesas Technology Corp
HD74HC174 RENESAS-HD74HC174 Datasheet
100Kb / 8P
   Hex D-type Flip-Flops (with Clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com