データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ACTQ245PC データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 74ACTQ245PC
部品情報  Quiet Series Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ245PC データシート(HTML) 4 Page - Fairchild Semiconductor

  74ACTQ245PC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ245PC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ245PC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ245PC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ245PC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ245PC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ245PC Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ245PC Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ245PC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics for ACQ (Continued)
Note 3: All outputs loaded; thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
Note 5: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
Note 6: DIP package.
Note 7: Max number of outputs defined as (n). Data Inputs are driven 0V to 5V; one output @ GND.
Note 8: Max number of Data Inputs (n) switching. (n
1) Inputs switching 0V to 5V (ACQ). Input-under-test switching: 5V to threshold (VILD),
0V to threshold (VIHD), f 1 MHz.
DC Electrical Characteristics for ACTQ
Note 9: All outputs loaded; thresholds on input associated with output under test.
Note 10: Maximum test duration 2.0 ms, one output loaded at a time.
Note 11: DIP package.
Note 12: Max number of outputs defined as (n). n
1 Data Inputs are driven 0V to 3V; one output @ GND.
Note 13: Max number of Data Inputs (n) switching. (n
1) Inputs switching 0V to 3V (ACTQ). Input-under-test switching: 3V to threshold (VILD),
0V to threshold (VIHD) f 1 MHz.
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Typ
Guaranteed Limits
VOLP
Quiet Output
5.0
1.1
1.5
V
Figure 1, Figure 2
Maximum Dynamic VOL
(Note 6)(Note 7)
VOLV
Quiet Output
5.0
0.6
1.2
V
Figure 1, Figure 2
Minimum Dynamic VOL
(Note 6)(Note 7)
VIHD
Minimum HIGH Level
5.0
3.1
3.5
V
(Note 6)(Note 8)
Dynamic Input Voltage
VILD
Maximum LOW Level
5.0
1.9
1.5
V
(Note 6)(Note 8)
Dynamic Input Voltage
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC  0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC  0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
V
IOUT 50 PA
Output Voltage
5.5
5.49
5.4
5.4
VIN VIL or VIH
4.5
3.86
3.76
V
IOH 24 mA
5.5
4.86
4.76
IOH 24 mA (Note 9)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
VIOUT 50 PA
Output Voltage
5.5
0.001
0.1
0.1
VIN VIL or VIH
4.5
0.36
0.44
V
IOL 24 mA
5.5
0.36
0.44
IOL 24 mA (Note 9)
IIN
Maximum Input Leakage Current
5.5
r0.1
r1.0
PAVI VCC, GND
IOZT
Maximum 3-STATE
5.5
r0.3
r3.0
PAVI VIL, VIH
Leakage Current
VO VCC, GND
ICCT
Maximum ICC/Input
5.5
0.6
1.5
mA
VI VCC  2.1V
IOLD
Minimum Dynamic
5.5
75
mA
VOLD 1.65V Max
IOHD
Output Current (Note 10)
5.5
75
mA
VOHD 3.85V Min
ICC
Maximum Quiescent Supply Current
5.5
4.0
40.0
PAVIN VCC or GND
VOLP
Quiet Output
5.0
1.1
1.5
V
Figure 1, Figure 2
Maximum Dynamic VOL
(Note 11)(Note 12)
VOLV
Quiet Output
5.0
0.6
1.2
V
Figure 1, Figure 2
Minimum Dynamic VOL
(Note 11)(Note 12)
VIHD
Minimum HIGH Level Dynamic Input Voltage
5.0
1.9
2.2
V
(Note 11)(Note 13)
VILD
Maximum LOW Level Dynamic Input Voltage
5.0
1.2
0.8
V
(Note 11)(Note 13)


同様の部品番号 - 74ACTQ245PC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ACTQ245 FAIRCHILD-74ACTQ245 Datasheet
351Kb / 13P
   Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74ACTQ245MSA FAIRCHILD-74ACTQ245MSA Datasheet
351Kb / 13P
   Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74ACTQ245MSA FAIRCHILD-74ACTQ245MSA Datasheet
461Kb / 13P
   Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74ACTQ245MTC FAIRCHILD-74ACTQ245MTC Datasheet
351Kb / 13P
   Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74ACTQ245MTC FAIRCHILD-74ACTQ245MTC Datasheet
461Kb / 13P
   Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com