データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL1021B350 データシート(PDF) 1 Page - Littelfuse

部品番号 SL1021B350
部品情報  SL1021A/B, SL1024A/B and PMT8 Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1021B350 データシート(HTML) 1 Page - Littelfuse

  SL1021B350 Datasheet HTML 1Page - Littelfuse SL1021B350 Datasheet HTML 2Page - Littelfuse SL1021B350 Datasheet HTML 3Page - Littelfuse SL1021B350 Datasheet HTML 4Page - Littelfuse SL1021B350 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2010 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
18
Revised: June 28, 2010
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
SL1021A/B, SL1024A/B and PMT8 Series
SL1021A/B, SL1024A/B and PMT8 Series
Description
GDT circuit protection devices dissipate electrical
surge energy safely within a contained plasma gas.
Commonly used to help protect sensitive telecom and
networking equipment and lines, GDTs protect from
damage that may result from lightning strikes and
equipment switching operations.
The Littelfuse GDT series described in this document
are available in a variety of leaded and surface mount
forms and offered with and without optional fail-
safe clip. Please refer to the electrical specifications,
dimension and packaging options section of this
document for additional information.
SL1021A/B and SL1024A/B Series:
SL1021A/B and SL1024A/B series GDTs are designed
to offer high levels of performance on fast rising
transients in the range of 100V/μS to 1KV/μS, which
are those most likely created by induced lightning
disturbances.
These devices feature ultra low capacitance (typically
1.5pF or less) and are extremely robust with SL102xA
devices able to divert a 10,000 Amp pulse without
destruction, and SL102xB suffix devices able to divert
a 20,000 Amp pulse without destruction.
These series offer optimized internal geometry which
provide low insertion loss at high frequencies, ideal
for the protection of broadband and other high speed
transmission equipment.
PMT8 Series:
PMT8 GDT's are telecom grade devices designed to
meet the recommendations in CCITT-K12 and Bellcore
GR-1361-CORE. The three electrode configuration
is used in applications where simultaneous crowbar
action of two signal lines is required.
Features
• RoHS compliant
• Low insertion loss
• Excellent response to
fast rising transients
• Ultra low capacitance
• 10KA (A suffix devices) /
20KA (B suffix devices)
surge capability tested
with 8/20μs pulse as
defined by IEC 61000-4-5
• Available with thermal
failsafe option (add ‘F’
suffix to part number)
Applications
SL1021 / SL1024:
• Broadband equipment
• ADSL equipment
• XDSL equipment
• Satellite and CATV
equipment
• Splitters
• General telecom
equipment
PMT8:
• Telecom network
interfaces
• Telephone line cards
• Repeaters
• Modems
• Line test equipment
SL1021A/B, SL1024A/B and PMT8 Series
AGENCY
AGENCY FILE NUMBER
®
E128662
Agency Approvals
3 Electrode GDT Graphical Symbol
a
e
b
a = TIP
b = RING
e = GROUND
(center electrode)
®
Product Characteristics
Materials
Dull Tin Plate 17.5 ± 12.5 Microns.
with ceramic insulator
Product Marking
‘LF’ mark, voltage& date code:
SL102xA - Red/White text
SL102xB & PMT8 - Blue/White text
Glow to arc
transition current
~ 1Amp
Glow Voltage
~60-200 Volts
Storage and Operation
Temperature
-40 to +90°C
Transverse Voltage
(Delay Time)
< 0.2μSec (Tested to ITU-T Rec. K.12)
Arc Voltage
~10 to 35 Volts
Holdover Voltage
<150mS (Tested to ITU-T Rec. K.12)


同様の部品番号 - SL1021B350

メーカー部品番号データシート部品情報
logo
Littelfuse
SL1021B350 LITTELFUSE-SL1021B350 Datasheet
204Kb / 3P
   Gas Discharge Tubes
logo
List of Unclassifed Man...
SL1021B350 ETC1-SL1021B350 Datasheet
78Kb / 2P
   Medium / Heavy Duty Arrester Series
logo
Littelfuse
SL1021B350 LITTELFUSE-SL1021B350 Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021B350 LITTELFUSE-SL1021B350 Datasheet
200Kb / 6P
   Gas Discharge Tube (GDT) Products SL1021A/B, SL1024A/B and PMT8 Series
SL1021B350 LITTELFUSE-SL1021B350 Datasheet
185Kb / 5P
   SL1021AB, SL1024AB and PMT8 Series
More results

同様の説明 - SL1021B350

メーカー部品番号データシート部品情報
logo
Littelfuse
SL1021A200R LITTELFUSE-SL1021A200R Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
PMT823014F LITTELFUSE-PMT823014F Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021B090C LITTELFUSE-SL1021B090C Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
574481 LITTELFUSE-574481 Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021A090R LITTELFUSE-SL1021A090R Datasheet
200Kb / 6P
   Gas Discharge Tube (GDT) Products SL1021A/B, SL1024A/B and PMT8 Series
SL1024B090RF LITTELFUSE-SL1024B090RF Datasheet
185Kb / 5P
   SL1021AB, SL1024AB and PMT8 Series
SL1011A075A LITTELFUSE-SL1011A075A Datasheet
684Kb / 6P
   SL1011A/B and SL1411A Series
SL1011A350A LITTELFUSE-SL1011A350A Datasheet
420Kb / 6P
   SL1011A/B and SL1411A Series
logo
Tyco Electronics
B11LS MACOM-B11LS Datasheet
55Kb / 1P
   CONNECTORS B SERIES
logo
Keysight Technologies
DSO1000A KEYSIGHT-DSO1000A Datasheet
1Mb / 15P
   DSO1000A/B Series
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com