データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HRB0103A データシート(PDF) 2 Page - Hitachi Semiconductor

部品番号 HRB0103A
部品情報  Silicon Schottky Barrier Diode for Low Voltage High Speed Switching , Rectifying
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HITACHI [Hitachi Semiconductor]
ホームページ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HRB0103A データシート(HTML) 2 Page - Hitachi Semiconductor

  HRB0103A Datasheet HTML 1Page - Hitachi Semiconductor HRB0103A Datasheet HTML 2Page - Hitachi Semiconductor HRB0103A Datasheet HTML 3Page - Hitachi Semiconductor HRB0103A Datasheet HTML 4Page - Hitachi Semiconductor HRB0103A Datasheet HTML 5Page - Hitachi Semiconductor HRB0103A Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HRB0103A
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Value
Unit
Repetitive peak reverse
voltage
V
RRM
30
V
Average rectified current
I
o
*1
100
mA
Non-Repetitive peak
forward surge current
I
FSM
*2
3A
Junction temperature
Tj
125
°C
Storage temperature
Tstg
-55 to +150
°C
Note:
1. See Fig.5
Note:
2. 10msec sine wave 1 pulse
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Forward voltage
V
F
0.44
V
I
F = 100 mA
Reverse current
I
R
——
50
µAV
R = 30V


同様の部品番号 - HRB0103A

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
HRB0103A RENESAS-HRB0103A Datasheet
86Kb / 6P
   Silicon Schottky Barrier Diode for Low Voltage High Speed Switching, Rectifying
More results

同様の説明 - HRB0103A

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
HRB0103A RENESAS-HRB0103A Datasheet
86Kb / 6P
   Silicon Schottky Barrier Diode for Low Voltage High Speed Switching, Rectifying
HRB0103B RENESAS-HRB0103B Datasheet
86Kb / 6P
   Silicon Schottky Barrier Diode for Low Voltage High Speed Switching , Rectifying
logo
Hitachi Semiconductor
HRB0103B HITACHI-HRB0103B Datasheet
34Kb / 6P
   Silicon Schottky Barrier Diode for Low Voltage High Speed Switching , Rectifying
HRC0103A HITACHI-HRC0103A Datasheet
29Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRC0203B HITACHI-HRC0203B Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRF32 HITACHI-HRF32 Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRF502A HITACHI-HRF502A Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRU0103A HITACHI-HRU0103A Datasheet
29Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRW0202B HITACHI-HRW0202B Datasheet
33Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRW0502A HITACHI-HRW0502A Datasheet
32Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com