データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDN86265P データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FDN86265P
部品情報  P-Channel PowerTrench MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN86265P データシート(HTML) 3 Page - Fairchild Semiconductor

  FDN86265P Datasheet HTML 1Page - Fairchild Semiconductor FDN86265P Datasheet HTML 2Page - Fairchild Semiconductor FDN86265P Datasheet HTML 3Page - Fairchild Semiconductor FDN86265P Datasheet HTML 4Page - Fairchild Semiconductor FDN86265P Datasheet HTML 5Page - Fairchild Semiconductor FDN86265P Datasheet HTML 6Page - Fairchild Semiconductor FDN86265P Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.fairchildsemi.com
3
©2014 Fairchild Semiconductor Corporation
FDN86265P Rev.C
Typical Characteristics T
J = 25 °C unless otherwise noted
Figure 1.
01
2
3
45
0.0
0.5
1.0
1.5
2.0
PULSE DURATION = 80
μs
DUTY CYCLE = 0.5% MAX
VGS = -10 V
VGS = -8 V
VGS = -6 V
VGS = -5 V
VGS = -4.5 V
-VDS, DRAIN TO SOURCE VOLTAGE (V)
On Region Characteristics
Figure 2.
0.0
0.5
1.0
1.5
2.0
0.5
1.0
1.5
2.0
2.5
3.0
V
GS = -8 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
-ID, DRAIN CURRENT (A)
V
GS = -6 V
V
GS = -5 V
V
GS = -10 V
V
GS = -4.5 V
Normalized On-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On Resistance
-75
-50
-25
0
25
50
75
100
125
150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
ID = -0.8 A
VGS = -10 V
TJ, JUNCTION TEMPERATURE (
oC)
vs Junction Temperature
Figure 4.
45
678
9
10
0
1000
2000
3000
4000
TJ = 125 oC
ID = -0.8 A
TJ = 25 oC
-VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
234
56
0.0
0.5
1.0
1.5
2.0
TJ = 150 oC
VDS = -5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
TJ = 25 oC
-VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
3
TJ = -55 oC
TJ = 25 oC
TJ = 150 oC
VGS = 0 V
-VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs Source Current


同様の部品番号 - FDN86265P

メーカー部品番号データシート部品情報
logo
TECH PUBLIC Electronics...
FDN86265P-TP TECHPUBLIC-FDN86265P-TP Datasheet
1Mb / 3P
   -150V,P-Channel Power Trench MOSFET
More results

同様の説明 - FDN86265P

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDMC510P FAIRCHILD-FDMC510P Datasheet
277Kb / 7P
   P-Channel PowerTrench MOSFET
FDMC5614P FAIRCHILD-FDMC5614P Datasheet
263Kb / 7P
   P-Channel PowerTrench MOSFET
FDC365P FAIRCHILD-FDC365P_07 Datasheet
308Kb / 6P
   P-Channel PowerTrench MOSFET
FDMC86265P FAIRCHILD-FDMC86265P Datasheet
288Kb / 8P
   P-Channel PowerTrench MOSFET
FDMS86163P FAIRCHILD-FDMS86163P Datasheet
333Kb / 8P
   P-Channel PowerTrench MOSFET
FDMS86263P FAIRCHILD-FDMS86263P Datasheet
351Kb / 8P
   P-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD9509L-F085 ONSEMI-FDD9509L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FDMC86139P FAIRCHILD-FDMC86139P Datasheet
384Kb / 8P
   P-Channel PowerTrench MOSFET
FDMC86259P FAIRCHILD-FDMC86259P Datasheet
179Kb / 8P
   P-Channel PowerTrench MOSFET
FDS4675 FAIRCHILD-FDS4675 Datasheet
73Kb / 5P
   40V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com