データシートサーチシステム |
|
IRF3808SLPBF データシート(PDF) 2 Page - International Rectifier |
|
IRF3808SLPBF データシート(HTML) 2 Page - International Rectifier |
2 / 12 page IRF3808S/LPbF 2 www.irf.com © 2013 International Rectifier Submit Datasheet Feedback November 01, 2013 Parameter Min. Typ. Max. Units Conditions V(BR)DSS Drain-to-Source Breakdown Voltage 75 ––– ––– V VGS = 0V, ID = 250μA ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient ––– 0.086 ––– V/°C Reference to 25°C, ID = 1mA RDS(on) Static Drain-to-Source On-Resistance ––– 5.9 7.0 m Ω VGS = 10V, ID = 82A VGS(th) Gate Threshold Voltage 2.0 ––– 4.0 V VDS = 10V, ID = 250μA gfs Forward Transconductance 100 ––– ––– S VDS = 25V, ID = 82A ––– ––– 20 μA VDS = 75V, VGS = 0V ––– ––– 250 VDS = 60V, VGS = 0V, TJ = 150°C Gate-to-Source Forward Leakage ––– ––– 200 VGS = 20V Gate-to-Source Reverse Leakage ––– ––– -200 nA VGS = -20V Qg Total Gate Charge ––– 150 220 ID = 82A Qgs Gate-to-Source Charge ––– 31 47 nC VDS = 60V Qgd Gate-to-Drain ("Miller") Charge ––– 50 76 VGS = 10V td(on) Turn-On Delay Time ––– 16 ––– VDD = 38V tr Rise Time ––– 140 ––– ID = 82A td(off) Turn-Off Delay Time ––– 68 ––– RG = 2.5 Ω tf Fall Time ––– 120 ––– VGS = 10V Between lead, ––– ––– 6mm (0.25in.) from package and center of die contact Ciss Input Capacitance ––– 5310 ––– VGS = 0V Coss Output Capacitance ––– 890 ––– pF VDS = 25V Crss Reverse Transfer Capacitance ––– 130 ––– ƒ = 1.0MHz, See Fig. 5 Coss Output Capacitance ––– 6010 ––– VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz Coss Output Capacitance ––– 570 ––– VGS = 0V, VDS = 60V, ƒ = 1.0MHz Coss eff. Effective Output Capacitance ––– 1140 ––– VGS = 0V, VDS = 0V to 60V nH Electrical Characteristics @ TJ = 25°C (unless otherwise specified) LD Internal Drain Inductance LS Internal Source Inductance ––– ––– S D G IGSS ns 4.5 7.5 IDSS Drain-to-Source Leakage Current Repetitive rating; pulse width limited by max. junction temperature. (See fig. 11). Starting TJ = 25°C, L = 0.130mH RG = 25 Ω, IAS = 82A. (See Figure 12). ISD ≤ 82A, di/dt ≤ 310A/μs, VDD ≤ V(BR)DSS, TJ ≤ 175°C Pulse width ≤ 400μs; duty cycle ≤ 2%. Notes: S D G Parameter Min. Typ. Max. Units Conditions IS Continuous Source Current MOSFET symbol (Body Diode) ––– ––– showing the ISM Pulsed Source Current integral reverse (Body Diode) ––– ––– p-n junction diode. VSD Diode Forward Voltage ––– ––– 1.3 V TJ = 25°C, IS = 82A, VGS = 0V trr Reverse Recovery Time ––– 93 140 ns TJ = 25°C, IF = 82A Qrr Reverse RecoveryCharge ––– 340 510 nC di/dt = 100A/μs ton Forward Turn-On Time Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD) Source-Drain Ratings and Characteristics 106 550 A
Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS . Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive avalanche performance. When mounted on 1" square PCB ( FR-4 or G-10 Material ). For recommended footprint and soldering techniques refer to application note #AN-994. |
同様の部品番号 - IRF3808SLPBF |
|
同様の説明 - IRF3808SLPBF |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |