データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KMS231GGP データシート(PDF) 1 Page - C&K Components

部品番号 KMS231GGP
部品情報  Microminiature SMT Side Actuated
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KMS231GGP データシート(HTML) 1 Page - C&K Components

  KMS231GGP Datasheet HTML 1Page - C&K Components KMS231GGP Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B–13
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
13 aug 12
Actuator
2
Standard
KMS Series
Microminiature SMT Side Actuated
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
Typical Applications
Mobile phones
Medical handheld monitors
Consumer electronics
Telecommunication networks
Mechanical
OVERLOAD: 20N
TACTILE FEELING: 15% min. for the 2N version
25% min for the 2.5N version
Note: Specifications listed above are for switches with standard options. For information on
specific and custom switches, consult Customer Service Center.
Actuation Force
2 2 N (200 grams)
3 3 N (300 grams)
RoHS compliant and compatible
LFS
Lead free silver
LFG Lead free gold
K
M
S
2
G
Contact Material
1
Silver
3 Gold
Termination
G Gullwing
Packaging
Tape and reels in reels of 3,000 pieces.
External diameter 330mm ± 2mm.
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MAXIMUM CURRENT DC:
50 mA
10 mA
MINIMUM CURRENT DC:
1 mA
1 mA
DIELECTRIC STRENGTH: 250 VDC
CONTACT RESISTANCE:
≤100 mΩ
INSULATION RESISTANCE: 109
BOUNCE TIME:
≤ 3 ms
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
-55˚C to 125˚C
Process
Infared reflow soldering in accordance with IEC 61760-1
Pegs
NONE No pegs
P With pegs
Features/Benefits
Compact size
Excellent tactile feel
ESD protection
Positioning pegs for stability
RoHS compliant and compatible
Operating force
Operating life
Type
Newtons (grams)
(operations)
Travel
KMS221G/GP
2N (200) ± 0.5
100 K cycles
0,25 ± 0,15
KMS223G/GP
2N (200) ± 0.5
100 K cycles
0,25 ± 0,15
KMS231G/GP
3N (300) ± 0.6
100 K cycles
0,3 ± 0,15
KMS233G/GP
3N (300) ± 0.6
100 K cycles
0,3 ± 0,15
Specification
FUNCTION: Momentary
CONTACT ARRANGEMENT: SPST, N.O.
TERMINALS: Gullwing type for SMT
IP40 Sealed


同様の部品番号 - KMS231GGP

メーカー部品番号データシート部品情報
logo
C&K Components
KMS231GGP CK-COMPONENTS-KMS231GGP Datasheet
515Kb / 2P
   Compact size
More results

同様の説明 - KMS231GGP

メーカー部品番号データシート部品情報
logo
C&K Components
KMS CK-COMPONENTS-KMS Datasheet
191Kb / 2P
   Microminiature SMT Side Actuated
KMS231GLFS CK-COMPONENTS-KMS231GLFS Datasheet
515Kb / 2P
   Microminiature SMT Side Actuated
PTS840 CK-COMPONENTS-PTS840_V01 Datasheet
230Kb / 3P
   Microminiature SMT Side Actuated
14 Nov 22
PTS841 CK-COMPONENTS-PTS841 Datasheet
263Kb / 2P
   Microminiature SMT Side Actuated
14 Nov 22
KMS CK-COMPONENTS-KMS_V01 Datasheet
166Kb / 2P
   Microminiature SMT Side Actuated
PTS840 CK-COMPONENTS-PTS840 Datasheet
169Kb / 4P
   Microminiature SMT Side Actuated
logo
ITT Industries
KMS ITT-KMS Datasheet
74Kb / 3P
   Microminiature Side Actuated Tact Switch for SMT
logo
C&K Components
PTS820J25MSMTRLFS CK-COMPONENTS-PTS820J25MSMTRLFS Datasheet
164Kb / 3P
   Microminiature SMT Top Actuated
KMR4 CK-COMPONENTS-KMR4_V01 Datasheet
197Kb / 2P
   Microminiature SMT Top Actuated
24 Aug 21
PTS810 CK-COMPONENTS-PTS810_V01 Datasheet
197Kb / 2P
   Microminiature SMT Top Actuated
14 Nov 22
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com