データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-3366 データシート(PDF) 4 Page - Agilent(Hewlett-Packard)

部品番号 HLMP-3366
部品情報  T-13/4 (5 mm) Low Profile LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-3366 データシート(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-3366 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-3366 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-3366 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-3366 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-3366 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-3366 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-3366 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1-104
Figure 10. Maximum Tolerable Peak
Current vs. Pulse Duration. (IDC MAX
as per MAX Ratings).
Figure 11. Relative Luminous Intensity vs. Angular
Displacement.
Electrical Specifications at TA = 25°C
Device
Test
Symbol
Description
HLMP-
Min.
Typ.
Max.
Units
Conditions
IV
Axial Luminous Intensity
3450
2.2
4.0
mcd
IF = 10 mA
3451
5.7
10.0
(Figure 13)
3465
5.7
12.0
3466
9.2
18.0
2
θ
1/2
Including Angle Between Half
3450
50
Deg.
Note 1 (Figure 16)
Luminous Intensity Points
3451
50
3465
45
3466
45
λ
PEAK
Peak Wavelength
583
nm
Measurement at
Peak (Figure 1)
λ
d
Dominant Wavelength
585
nm
Note 2
∆λ
1/2
Spectral Line Halfwidth
36
nm
τ
s
Speed of Response
90
ns
C
Capacitance
15
pF
VF = 0; f = 1 MHz
R
θ
J-PIN
Thermal Resistance
260
°C/W
Junction to
Cathode Lead
VF
Forward Voltage
2.0
2.4
V
IF = 10 mA
(Figure 12)
VR
Reverse Breakdown Voltage
5.0
V
IR = 100 µA
η
V
Luminous Efficacy
500
lm/W
Note 3
Yellow HLMP-345X/-346X Series
Notes:
1.
θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
2. Dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color
of the device.
3. Radiant Intensity, Ie, in watts/steradian may be found from the equation Ie = Ivv, where Iv is the luminous intensity in candelas and
η
v is the luminous efficacy in lumens/watt.


同様の部品番号 - HLMP-3366

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3366 AVAGO-HLMP-3366 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
More results

同様の説明 - HLMP-3366

メーカー部品番号データシート部品情報
logo
Broadcom Corporation.
HLMP-3351 BOARDCOM-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3351 AVAGO-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Broadcom Corporation.
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4700 AVAGO-HLMP-4700 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com