データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST211109 データシート(PDF) 1 Page - E-SWITCH

部品番号 ST211109
部品情報  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  E-SWITCH [E-SWITCH]
ホームページ  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST211109 データシート(HTML) 1 Page - E-SWITCH

  ST211109 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET OF
REV
PCR NO
DESCRIPTION
DATE
BY
200MSP1T2B1M6REH
2:1
2/14/2008
ST211109
A
BLR
1
1
P.C. MOUNTING
With Standard
Locking Ring
Without Locking
Ring
PANEL
MOUNTING
5.59
[.220 in]
8.13
[.320 in]
5.08
[.200 in]
25
~
POS. 1
POS. 3
4.93
[.194 in]
2.54
[.100 in]
n
2
13
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
ON
2-3
OPEN
2-1
A
17969
RELEASED FOR PRODUCTION
2/14/08
BLR
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING: 0.4VA MAX. @20V MAX (AC OR DC)
6. CONTACT RESISTANCE: 20 m
MAX.
7. ELECTRIC LIFE: 30,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
8. INSULATION RESISTANCE: 1,000 M
MIN.
9. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
10. OPERATING TEMP.: -30°C to 85°C
11. 2002/95/EC (ROHS) COMPLIANT
12.
DENOTES CRITICAL PARAMETER.
13. HARDWARE TO BE SHIPPED BULK"
T100000 - HEXNUT QTY 2
T100011 - LOCKWASHER QTY 1
T100015 - LOCKRING QTY 1
CIRCUIT: SPDT
2.54
[.100 in]
5.08
[.200 in]
1
2
3
5.08
[.200 in]
5.08
[.200 in]
.76
[.030 in]
2.54
[.100 in]
EPOXY SEAL
.41
[.016 in]
.76
[.030 in]
5.08
[.200 in]
n1.09
[.043 in]
.51
[.020 in]
3.3
[.1 in]
4.01
[.158 in]
.51
[.020 in]
4.39
[.173 in]
RATING
E-LOGO ON
OPPOSITE
SIDE
10-48 UNS-2A
THREADS
6.10
[.240 in]
n2.38
[.094 in]
n4.95
[.195 in]
R2.48
[.097 in]
4.55
[.179 in]
n6.00
[.236 in]
FLAT


同様の部品番号 - ST211109

メーカー部品番号データシート部品情報
logo
E-SWITCH
ST211100 E-SWITCH-ST211100 Datasheet
62Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST211105 E-SWITCH-ST211105 Datasheet
63Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST211108 E-SWITCH-ST211108 Datasheet
93Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

同様の説明 - ST211109

メーカー部品番号データシート部品情報
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com