データシートサーチシステム |
|
LF351 データシート(PDF) 1 Page - Fairchild Semiconductor |
|
LF351 データシート(HTML) 1 Page - Fairchild Semiconductor |
1 / 8 page ©2001 Fairchild Semiconductor Corporation www.fairchildsemi.com Rev. 1.0.1 Features • Internally trimmed offset voltage: 10mV • Low input bias current : 50pA • Wide gain bandwidth : 4MHz • High slew rate : 13V/ µs • High input impedance : 1012 Ω Description The LF351 is JFET input operational amplifier with an inter- nally compensated input offset voltage. The JFET input device provides wide bandwidth, low input bias currents and offset currents. 8-DIP 8-SOP 1 1 Internal Block Diagram LF351 Single Operational Amplifier (JFET) |
同様の部品番号 - LF351 |
|
同様の説明 - LF351 |