データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC123BQ データシート(PDF) 5 Page - NXP Semiconductors

部品番号 74HC123BQ
部品情報  Dual retriggerable monostable multivibrator with reset
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC123BQ データシート(HTML) 5 Page - NXP Semiconductors

  74HC123BQ Datasheet HTML 1Page - NXP Semiconductors 74HC123BQ Datasheet HTML 2Page - NXP Semiconductors 74HC123BQ Datasheet HTML 3Page - NXP Semiconductors 74HC123BQ Datasheet HTML 4Page - NXP Semiconductors 74HC123BQ Datasheet HTML 5Page - NXP Semiconductors 74HC123BQ Datasheet HTML 6Page - NXP Semiconductors 74HC123BQ Datasheet HTML 7Page - NXP Semiconductors 74HC123BQ Datasheet HTML 8Page - NXP Semiconductors 74HC123BQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
74HC_HCT123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 16 December 2011
5 of 25
NXP Semiconductors
74HC123; 74HCT123
Dual retriggerable monostable multivibrator with reset
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care;
 = LOW-to-HIGH transition;  = HIGH-to-LOW transition;
= one HIGH level output pulse;
= one LOW level output pulse.
[2]
If the monostable was triggered before this condition was established, the pulse will continue as programmed.
7.
Limiting values
[1]
For DIP16 package: Ptot derates linearly with 12 mW/K above 70 C.
[2]
For SO16 package: Ptot derates linearly with 8 mW/K above 70 C.
[3]
For SSOP16 and TSSOP16 packages: Ptot derates linearly with 5.5 mW/K above 60 C.
[4]
For DHVQFN16 package: Ptot derates linearly with 4.5 mW/K above 60 C.
Table 3.
Function table[1]
Input
Output
nRD
nA
nB
nQ
nQ
L
XXL
H
XH
XL[2]
H[2]
XXL
L[2]
H[2]
HL
H
H
LH
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+7
V
IIK
input clamping current
VI < 0.5 V or VI >VCC + 0.5 V
-
20
mA
IOK
output clamping current
VO < 0.5 V or VO > VCC + 0.5 V
-
20
mA
IO
output current
except for pins nREXT/CEXT;
VO = 0.5 V to (VCC +0.5 V)
-
25
mA
ICC
supply current
-
50
mA
IGND
ground current
-
50
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
DIP16 package
[1] -
750
mW
SO16 package
[2] -
500
mW
SSOP16 package
[3] -
500
mW
TSSOP16 package
[3] -
500
mW
DHVQFN16 package
[4] -
500
mW


同様の部品番号 - 74HC123BQ

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC123BQ NXP-74HC123BQ Datasheet
155Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-13 July 2009
logo
Nexperia B.V. All right...
74HC123BQ NEXPERIA-74HC123BQ Datasheet
322Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 12 - 11 August 2021
74HC123BQ-Q100 NEXPERIA-74HC123BQ-Q100 Datasheet
846Kb / 23P
   Dual retriggerable monostable multivibrator with reset
74HC123BQ-Q100 NEXPERIA-74HC123BQ-Q100 Datasheet
315Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 3.1 - 3 September 2020
More results

同様の説明 - 74HC123BQ

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com