データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-4700G0BA1 データシート(PDF) 3 Page - Agilent(Hewlett-Packard)

部品番号 HLMP-4700G0BA1
部品情報  T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-4700G0BA1 データシート(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-4700G0BA1 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-4700G0BA1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-4700G0BA1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-4700G0BA1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-4700G0BA1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-4700G0BA1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-4700G0BA1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-4700G0BA1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-4700G0BA1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Part Numbering System
HLMP-X
7
XX - X
X
X
XX
Mechanical Option
00: Bulk
01: Tape & Reel, Crimped Leads
02, BH: Tape & Reel, Straight Leads
A1, B1: Right Angle Housing, Uneven Leads
A2, B2: Right Angle Housing, Even Leads
FH: 2 Iv bins select with Inventory Control
Color Bin Options
0: Full color bin distribution
B: Color bins 2 & 3 only
Maximum Iv Bin Options
0: Open (No. max. limit)
Others: Please refer to the Iv bin Table
Minimum Iv Bin Options
Please refer to the Iv Bin Table
Color Option
00: GaP HER
19: GaP Yellow
40: GaP Green
90: GaP Green
Package Options
4: T-13/4 (5 mm)
1: T-1 (3 mm)


同様の部品番号 - HLMP-4700G0BA1

メーカー部品番号データシート部品情報
logo
QT Optoelectronics
HLMP-4700 QT-HLMP-4700 Datasheet
183Kb / 2P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-4700 FAIRCHILD-HLMP-4700 Datasheet
164Kb / 3P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4700 AVAGO-HLMP-4700 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-4700 AVAGO-HLMP-4700 Datasheet
294Kb / 10P
   Telecommunications indicators
HLMP-4700 AVAGO-HLMP-4700 Datasheet
294Kb / 10P
   Telecommunications indicators
More results

同様の説明 - HLMP-4700G0BA1

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4700 AVAGO-HLMP-4700 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com