データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA19989BET データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 TDA19989BET
部品情報  150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

TDA19989BET データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  TDA19989BET Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Home
About NXP News
Careers
Investors
Order/buy
Tech support
Contact
my.NXP
TDA19989BET is a very low power and very small size High-Definition Multimedia Interface (HDMI) v. 1.4 transmitter. It is backward compatible DVI 1.0 and can be connected to any DVI 1.0
and HDMI sink.
This device is primarily intended for mobile applications like Digital Video Camera (DVC), Digital Still Camera (DSC), Portable Multimedia Player (PMP), Mobile Phone and Ultra
-Mobile Personal
Computer (UM PC) where size and very low power are mandatory for battery autonomy. It allows mixing 3 × 8-bit RGB or YCbCr video stream with a pixel rate up to 150 MHz together with
one S/PDIF or two I2S-bus audio streams with an audio sampling rate up to192 kHz.
In order to be compatible with most applications, TDA19989BET integrates a full programmable input formatter and color space conversion block. The video input formats accepted are YCbCr
4 :4 : 4 (up to 3 × 8-bit), YCbCr 4 : 2 : 2 semi-planar (up to 2 × 12-bit) and YCbCr 4 : 2 : 2 compliant with ITU656 (up to 1 × 12
-bit). In case of ITU656-like format, the input pixel clock can be
made active on one (SDR mode) or both edges (DDR mode).
This device provides additional embedded feature like CEC (Consumer Electronic Control). CEC is a single bidirectional wire that
transmits CEC commands (like Standby from remote control) over the home appliance network connected through this wire. This eliminates the need of any additional device to handle this
feature thus improving BOM (Bill Of Materials) of the whole system and enabling the connected devices (CEC enabled) to be controlled by only one remote control.
TDA19989BET supports xvYCC HDMI 1.4 feature.
It can be switched to very low power Standby or Sleep modes to save power when HDMI is not used. TDA19989BET includes I2C
-bus master interface for DDC-bus communication for EDID
reading. This device can be controlled or configured via I2C-bus interface.
Compliance:
DVI 1.0
HDMI 1.4
EIA/CEA-861B
CEC (HDMI 1.4)
SimplayHD
Video:
xvYCC HDMI 1.4 feature
Video formats with a pixel rate up to 150 MHz:
RGB 4 : 4 : 4
YCbCr 4 : 4 : 4
YCbCr 4 : 2 : 2 semi-planar
YCbCr 4 : 2 : 2 ITU656
Maximum resolution:
1080p for TV
1600 × 1200 at 60 Hz for PC (UXGA60)
720p/1080i in ITU656
Programmable color space converter:
RGB to YCbCr
YCbCr to RGB
Programmable input formatter and upsampler/interpolator allows input of any of the 4 : 4 : 4, 4 : 2 : 2 semi
-planar, 4 : 2 : 2 ITU656-like formats
Horizontal synchronization, vertical synchronization and Data Enable (DE) inputs or VREF, HREF and FREF could be used for input data synchronization
Pixel clock input can be made active on one or both edges (selectable by I2C
-bus)
Repetition of video samples as required by HDMI specification
Audio:
2 × I2S-bus 2 channels or one S/PDIF; audio data rate up to 192 kHz
System operation:
Master DDC-bus interface for EDID read
Controllable via I2C
-bus
Downstream availability through the use of hot plug detect (HPD) and receiver detection (RxSense)
Package:
TFBGA64
Size 4.5 × 4.5 × 0.95 mm
Power management:
External voltage supplies 1.8 V
Low power
Flexible power modes
Miscellaneous:
POR (Power-On Reset)
Audio and video inputs LV-CMOS 1.8 V compatible and LV
-CMOS 3.3 V tolerant
250 MHz to 1.5 GHz TMDS transmitter operation
Digital Video Camera (DVC)
Digital Still Camera (DSC)
Portable Multimedia Player (PMP)
Mobile Phone
Ultra-Mobile Personal Computer (UM PC)
Similar products
TDA19989BETlinks to the similar products page containing an overview of products that are similar infunction or related to the type number(s) as listed on this page.The similar products
page includes products from the same catalog tree(s), relevant selection guides and products from the same functional category.
Quality and reliability disclaimer
Email this product information
Print this product information
General product disclaimer
Quality and reliability disclaimer
Datasheet
Request datasheet
Datasheet confidential
150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8
-bit video inputs
and CEC support
All information hereunder is subject to the subsequent disclaimers
General description
Features and benefits
Applications
Quick reference
Parametrics/similar products
Block diagrams/pinning
Pricing/ordering/availability
Samples
Products/packages
Quality/reliability/chemical
content
Design support
Print/email
Disclaimers
General description
Hide
Back to top
Features and benefits
Hide
Back to top
Applications
Hide
Back to top
Parametrics/similar products
Hide
Type
number
Package
package
reference
code
product
status
Output
number
HDMI
v:
video
Max
video
pixel
Rate
(GHz)
High
Bit
Rate
Audio
HDCP CEC Video
Upscale
HDMI
1.4a:
3D
HDMI
1.4a:
Adobe
RGB
HDMI
1.4a:
ARC
I/O
Supply
voltage
(V)
Total
power
Operation
mode
typical(W)
TDA19989BET
SOT962-3
(TFBGA64)
TFBGA64
Production 1
1.4a
1080p
50/60
Hz 8-
bit
color
150
no
no
yes
no
yes
yes
no
RGB/YUV 1.8 V
at
1080p:140
Back to top
Pricing/ordering/availability
Hide
Type number
Ordering code(12NC)
Orderable part number
Region
Distributor
In stock
Order quantity
Inventory date
Buy online
Samples
TDA19989BET/C1 9352 921 96518
TDA19989BET/C1,518
not available
TDA19989BET/C1 9352 921 96551
TDA19989BET/C1,551
NA
MOUSER ELECTRONICS250
4/2/2011
Buy online
Order samples
NA
MOUSER ELECTRONICS250
4/2/2011
Buy online
TDA19989BET/C1 9352 921 96557
TDA19989BET/C1,557
not available
Back to top
Products/packages
Hide
Type number
Orderable part number
Ordering code (12NC)
Product status
Package
Packing
Marking
ECCN
TDA19989BET/C1
TDA19989BET/C1,518
9352 921 96518
Volume production
SOT962-3
(TFBGA64)
Reel Dry Pack, SMD, 13"
Standard Marking
TDA19989BET/C1
TDA19989BET/C1,551
9352 921 96551
Volume production
SOT962-3
(TFBGA64)
Tray Dry Pack, Bakeable, Single
Standard Marking
TDA19989BET/C1
TDA19989BET/C1,557
9352 921 96557
Volume production
SOT962-3
(TFBGA64)
Tray Dry Pack, Bakeable, Multiple
Standard Marking
Back to top
Quality/reliability/chemical content
Hide
Type number
Orderable part number
Chemical content
RoHS
Leadfree conversion date
RHF IFR (FIT)
MTBF (hours)
MSL
MSL LF
TDA19989BET/C1 TDA19989BET/C1,518
TDA19989BET/C1
Always Pb -free
NA
3
TDA19989BET/C1 TDA19989BET/C1,551
TDA19989BET/C1
Always Pb -free
NA
3
TDA19989BET/C1 TDA19989BET/C1,557
TDA19989BET/C1
Always Pb -free
NA
3
Back to top
Print/email
Hide
Back to top
Disclaimers
Hide
NXP | Privacy policy
| Terms of use | Sitemap
| Mobile app
| Switch to classic mode
| Switch to classic mode
©2006 -2011 NXP Semiconductors. All rights reserved.
? ICP? 1020807
TDA19989BET
Preview
Product information
Selection guide
Applications
Looking for
Products
...
HDMI
HDMI transmitters
TDA19989BET
Check out the NXP BETA site here!
Select site:
English
Type search here
Search
Advanced search / Selection guides


同様の部品番号 - TDA19989BET

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA19989 NXP-TDA19989 Datasheet
349Kb / 47P
   150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Rev. 01-15 February 2010
TDA19989AET NXP-TDA19989AET Datasheet
349Kb / 47P
   150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Rev. 01-15 February 2010
More results

同様の説明 - TDA19989BET

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA9989 NXP-TDA9989 Datasheet
238Kb / 48P
   150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support
Rev. 02-11 June 2009
TDA19989 NXP-TDA19989 Datasheet
349Kb / 47P
   150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Rev. 01-15 February 2010
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
   Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
TDA9981B NXP-TDA9981B Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
logo
Analog Devices
ADV7511W AD-ADV7511W Datasheet
191Kb / 12P
   165 MHz, High Performance HDMI Transmitter 3D video support
REV. 0
logo
Silicon image
SII9334 SILICONIMAGE-SII9334 Datasheet
109Kb / 2P
   HDMI 1.4 Transmitter
logo
STMicroelectronics
TDA9209 STMICROELECTRONICS-TDA9209 Datasheet
268Kb / 22P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
logo
Analog Devices
ADV7510BSTZ-P AD-ADV7510BSTZ-P Datasheet
60Kb / 2P
   Deep Color HDMI 1.3 Transmitter with CEC
Rev. SpA
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com