データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC-7881_2015 データシート(PDF) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

部品番号 MC-7881_2015
部品情報  870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
ホームページ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

MC-7881_2015 データシート(HTML) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  MC-7881_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7881_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7881_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7881_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7881_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7881_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NEC Compound Semiconductor Devices Hong Kong Limited
Hong Kong Head Office
Taipei Branch Office
Korea Branch Office
TEL: +852-3107-7303
TEL: +886-2-8712-0478
TEL: +82-2-528-0301
FAX: +852-3107-7309
FAX: +886-2-2545-3859
FAX: +82-2-528-0302
NEC Electronics (Europe) GmbH
http://www.ee.nec.de/
TEL: +49-211-6503-01 FAX: +49-211-6503-487
California Eastern Laboratories, Inc.
http://www.cel.com/
TEL: +1-408-988-3500 FAX: +1-408-988-0279
0209
NEC Compound Semiconductor Devices, Ltd.
5th Sales Group, Sales Division TEL: +81-3-3798-6372 FAX: +81-3-3798-6783 E-mail: salesinfo@csd-nec.com
Business issue
NEC Compound Semiconductor Devices, Ltd.
http://www.csd-nec.com/
Sales Engineering Group, Sales Division
E-mail: techinfo@csd-nec.com FAX: +81-44-435-1918
Technical issue
MC-7881
SAFETY INFORMATION ON THIS PRODUCT
Caution
GaAs Products
The product contains gallium arsenide, GaAs.
GaAs vapor and powder are hazardous to human health if inhaled or ingested.
• Do not destroy or burn the product.
• Do not cut or cleave off any part of the product.
• Do not crush or chemically dissolve the product.
• Do not put the product in the mouth.
Follow related laws and ordinances for disposal. The product should be excluded from general
industrial waste or household garbage.


同様の部品番号 - MC-7881_2015

メーカー部品番号データシート部品情報
logo
California Eastern Labs
MC-7881-AZ CEL-MC-7881-AZ Datasheet
290Kb / 7P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
logo
Renesas Technology Corp
MC-7881-AZ RENESAS-MC-7881-AZ Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
More results

同様の説明 - MC-7881_2015

メーカー部品番号データシート部品情報
logo
Quanzhou Jinmei Electro...
MC-7845_2015 JMNIC-MC-7845_2015 Datasheet
41Kb / 6P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7881 CEL-MC-7881 Datasheet
290Kb / 7P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7845 CEL-MC-7845_06 Datasheet
298Kb / 7P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7846_2015 JMNIC-MC-7846_2015 Datasheet
41Kb / 6P
   870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7882 CEL-MC-7882 Datasheet
290Kb / 7P
   870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
MC-7884 CEL-MC-7884_06 Datasheet
290Kb / 7P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7847_2015 JMNIC-MC-7847_2015 Datasheet
41Kb / 6P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
MC-7882_2015 JMNIC-MC-7882_2015 Datasheet
39Kb / 6P
   870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7846 CEL-MC-7846 Datasheet
298Kb / 7P
   870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
MC-7847 CEL-MC-7847 Datasheet
291Kb / 7P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com