データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M-G350-PD11 データシート(PDF) 1 Page - Epson Company

部品番号 M-G350-PD11
部品情報  Motion analysis and control
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EPSON [Epson Company]
ホームページ  http://www.epsondevice.com
Logo EPSON - Epson Company

M-G350-PD11 データシート(HTML) 1 Page - Epson Company

  M-G350-PD11 Datasheet HTML 1Page - Epson Company M-G350-PD11 Datasheet HTML 2Page - Epson Company M-G350-PD11 Datasheet HTML 3Page - Epson Company M-G350-PD11 Datasheet HTML 4Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
M-G350-PD11
IMU (Inertial Measurement Unit)
GENERAL DESCRIPTION
The M-G350-PD11 is a small form factor inertial measurement unit (IMU) with 6 degrees of freedom: triaxial angular rates
and linear accelerations, and provides high-stability and high-precision measurement capabilities with the use of
high-precision compensation technology. A variety of calibration parameters are stored in a memory of the IMU, and are
automatically reflected in the measurement data being sent to the application after the power of the IMU is turned on. With a
general-purpose SPI/UART supported for host communication, the M-G350-PD11 reduces technical barriers for users to
introduce inertial measurement and minimizes design resources to implement inertial movement analysis and control
applications.
The features of the IMU such as high stability, high precision, and small size make it easy to create and differentiate
applications in various fields of industrial systems.
FEATURES
Small Size, Lightweight
: 24x24x10mm, 7grams
Low-Noise, High-stability
Gyro Bias Instability
: 6 deg/hr
Angular Random Walk
: 0.2 deg/ hr
Initial Bias Error
: to 0.5 deg/s (1σ)
6 Degrees Of Freedom
Triple Gyroscopes
:
±300 deg/s,
Tri-Axis Accelerometer
:
±3 G
16bit data resolution
Digital Serial Interface
: SPI / UART
Calibrated Stability (Bias, Scale Factor, Axial alignment)
Data output rate
: to 1k Sps
Calibration temperature range
: −20
°C to +70°C
Operating temperature range
: −40
°C to +85°C
Single Voltage Supply
: 3.3 V
Low Power Consumption
: 30mA (Typ.)
APPLICATIONS
Motion analysis and control
Unmanned systems
Navigation systems
Vibration control and stabilization
Pointing and tracking systems
FUNCTIONAL BLOCK DIAGRAM
Digital Interface
Temp.
Sens
Signal
Processing
Calibration
Digital
Processing
Self test
Triple
Gyroscopes
Tri-axis
Accelerometer
GPIO
SIN
SOUT
BRATE
SDI
SDO
SCLK
/CS
DRDY
(GPIO1)
GND
SPI
UART
/RST
VCC
GPIO2 GPIO3
1


同様の部品番号 - M-G350-PD11

メーカー部品番号データシート部品情報
logo
Epson Company
M-G352 EPSON-M-G352 Datasheet
1Mb / 69P
   IMU (Inertial Measurement Unit)
More results

同様の説明 - M-G350-PD11

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFS4321-7PPBF IRF-IRFS4321-7PPBF Datasheet
410Kb / 10P
   Motion Control Applications
IRFP4321PBF IRF-IRFP4321PBF_15 Datasheet
297Kb / 9P
   Motion Control Applications
IRFS4321-7PPBF IRF-IRFS4321-7PPBF_15 Datasheet
410Kb / 10P
   Motion Control Applications
logo
Infineon Technologies A...
IRFI4321PBF INFINEON-IRFI4321PBF Datasheet
599Kb / 9P
   Motion Control Applications
2017-04-27
logo
TOKYO SEIMITSU CO., LTD
TIMS ACCRETECH-TIMS Datasheet
466Kb / 2P
   Continually Improving Analysis Versatility and Expanding Analysis Scope
logo
List of Unclassifed Man...
MC55000 ETC1-MC55000 Datasheet
562Kb / 43P
   Electrical Specification for Pulse and Direction Motion Control
MC1141A ETC-MC1141A Datasheet
422Kb / 60P
   Advanced Microstepping Motion Control Chipset
PCI-8504 ETC2-PCI-8504 Datasheet
762Kb / 2P
   4-Axis Motion Control Board
logo
Agilent(Hewlett-Packard...
HCTL-1100 HP-HCTL-1100 Datasheet
476Kb / 39P
   General Purpose Motion Control ICs
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-1100 AVAGO-HCTL-1100 Datasheet
335Kb / 40P
   General Purpose Motion Control ICs
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com