データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD546 データシート(PDF) 10 Page - Analog Devices

部品番号 AD546
部品情報  1A Monolithic Electrometer Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD546 データシート(HTML) 10 Page - Analog Devices

Back Button AD546_15 Datasheet HTML 4Page - Analog Devices AD546_15 Datasheet HTML 5Page - Analog Devices AD546_15 Datasheet HTML 6Page - Analog Devices AD546_15 Datasheet HTML 7Page - Analog Devices AD546_15 Datasheet HTML 8Page - Analog Devices AD546_15 Datasheet HTML 9Page - Analog Devices AD546_15 Datasheet HTML 10Page - Analog Devices AD546_15 Datasheet HTML 11Page - Analog Devices AD546_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD546
REV. A
–10–
input current at either terminal stays below a few hundred
femtoamps until one input terminal is forced higher than 1 V to
1.5 V above the other terminal. Under these conditions, the
input current limits at 30
µA.
INPUT PROTECTION
The AD546 safely handles any input voltage within the supply
voltage range. Subjecting the input terminals to voltages beyond
the power supply can destroy the device or cause shifts in input
current or offset voltage if the amplifier is not protected.
A protection scheme for the amplifier as an inverter is shown in
Figure 35. The protection resistor, RP, is chosen to limit the
current through the inverting input to 1 mA for expected tran-
sient (less than 1 second) overvoltage conditions, or to 100
µA
for a continuous overload. Since RP is inside the feedback loop,
and is much lower in value than the amplifier’s input resistance,
it does not affect the inverter’s dc gain. However, the Johnson
noise of the resistor will add root sum of squares to the
amplifier’s input noise.
Figure 35. Inverter with Input Current Limit
In the corresponding version of this scheme for a follower,
shown in Figure 36, RP and the capacitance at the positive input
terminal will produce a pole in the signal frequency response at
a f = 1/2
π RC. Again, the Johnson noise of R
P will add to the
amplifier’s input voltage noise.
Figure 37 is a schematic of the AD546 as an inverter with an in-
put voltage clamp. Bootstrapping the clamp diodes at the invert-
ing input minimizes the voltage across the clamps and keeps the
leakage due to the diodes low. Low leakage diodes (less
Figure 36. Follower with Input Current Limit
Figure 37. Input Voltage Clamp with Diodes
than 1 pA), such as the FD333’s should be used, and should be
shielded from light to keep photocurrents from being generated.
Even with these precautions, the diodes will measurably increase
the input current and capacitance.
In order to achieve the low input bias currents of the AD546, it
is not possible to use the same on-chip protection as used in
other Analog Devices op amps. This makes the AD546 sensitive
to handling and precautions should be taken to minimize ESD
exposure whenever possible.
Figure 38. Sample and Difference Circuit for Measuring
Electrometer Leakage Currents
MEASURING ELECTROMETER LEAKAGE CURRENTS
There are a number of methods used to test electrometer leak-
age currents, including current integration and direct current to
voltage conversion. Regardless of the method used, board and
interconnect cleanliness, proper choice of insulating materials
(such as Teflon or Kel-F), correct guarding and shielding tech-
niques and care in physical layout are essential for making accu-
rate leakage measurements.
Figure 38 is a schematic of the sample and difference circuit
which is useful for measuring the leakage currents of the AD546
and other electrometer amplifiers. The circuit uses two AD549
electrometer amplifiers (A and B) as current to voltage convert-
ers with high value (10
10
Ω) sense resistors (RSa and RSb). R1
and R2 provide for an overall circuit sensitivity of 10 fA/mV
(10 pA full scale). CC and CF provide noise suppression and
loop compensation. CC should be a low leakage polystyrene ca-
pacitor. An ultralow-leakage Kel-F test socket is used for con-
OBSOLETE


同様の部品番号 - AD546_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD546J AD-AD546J Datasheet
455Kb / 12P
   1 pA Monolithic Electrometer Operational Amplifier
REV. A
AD546JN AD-AD546JN Datasheet
455Kb / 12P
   1 pA Monolithic Electrometer Operational Amplifier
REV. A
AD546K AD-AD546K Datasheet
455Kb / 12P
   1 pA Monolithic Electrometer Operational Amplifier
REV. A
AD546KN AD-AD546KN Datasheet
455Kb / 12P
   1 pA Monolithic Electrometer Operational Amplifier
REV. A
More results

同様の説明 - AD546_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD546 AD-AD546 Datasheet
455Kb / 12P
   1 pA Monolithic Electrometer Operational Amplifier
REV. A
logo
Burr-Brown (TI)
OPA128 BURR-BROWN-OPA128 Datasheet
138Kb / 9P
   Difet Electrometer-Grade OPERATIONAL AMPLIFIER
logo
Sanyo Semicon Device
LA6510 SANYO-LA6510 Datasheet
68Kb / 4P
   1A Power Operational Amplifier
logo
Motorola, Inc
MC1709 MOTOROLA-MC1709 Datasheet
761Kb / 4P
   MONOLITHIC OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA541 BURR-BROWN-OPA541 Datasheet
104Kb / 8P
   High Power Monolithic OPERATIONAL AMPLIFIER
logo
TelCom Semiconductor, I...
TC901 TELCOM-TC901 Datasheet
55Kb / 4P
   MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LF13741 NSC-LF13741 Datasheet
323Kb / 12P
   MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA541 TI1-OPA541 Datasheet
459Kb / 22P
[Old version datasheet]   High Power Monolithic Operational Amplifier
logo
Richtek Technology Corp...
RT9146 RICHTEK-RT9146 Datasheet
142Kb / 11P
   20V, 1A, Rail-to-Rail Operational Amplifier
logo
Motorola, Inc
MC1741 MOTOROLA-MC1741 Datasheet
1Mb / 5P
   OPERATIONAL AMPLIFIER SILICON MONOLITHIC INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com