データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADDC02805S データシート(PDF) 6 Page - Analog Devices

部品番号 ADDC02805S
部品情報  28 V/100 W DC/DC Converter with Integral EMI Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADDC02805S データシート(HTML) 6 Page - Analog Devices

Back Button ADDC02805S_15 Datasheet HTML 2Page - Analog Devices ADDC02805S_15 Datasheet HTML 3Page - Analog Devices ADDC02805S_15 Datasheet HTML 4Page - Analog Devices ADDC02805S_15 Datasheet HTML 5Page - Analog Devices ADDC02805S_15 Datasheet HTML 6Page - Analog Devices ADDC02805S_15 Datasheet HTML 7Page - Analog Devices ADDC02805S_15 Datasheet HTML 8Page - Analog Devices ADDC02805S_15 Datasheet HTML 9Page - Analog Devices ADDC02805S_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
OBSOLETE
ADDC02805S–Typical EMI Curves and Test Setup
REV. A
–6–
FREQUENCY – MHz
130
0.01
0.0001
0.001
70
90
30
110
50
CONDUCTED EMISSIONS CE–101
CE101–1 4.5 AMPS
Figure 10. Conducted Emissions, MIL-STD-461D, CE101,
+28 V Hot Line 100 W Load
FREQUENCY – MHz
130
10
0.01
0.1
70
90
30
110
50
1
CONDUCTED EMISSIONS CE–102
LIMIT 28VDC
Figure 11. Conducted Emissions, MIL-STD-461D, CE102,
+28 V Hot Line 100 W Load
FREQUENCY – MHz
166
0.1
0.0001
0.001
106
126
66
146
86
0.01
RE101 MIL–STD–461D
RE101–1
Figure 12. Radiated Emissions, MIL-STD-461D, RE101,
100 W Load
FREQUENCY – MHz
90
10
0.01
0.1
30
50
–30
70
10
1
100
1000
RADIATED EMISSIONS RE–102
RE102–2
Figure 13. Radiated Emissions, MIL-STD-461D, RE102,
Vertical Polarity, 100 W Load
+VIN
–VIN
+VOUT
RETURN
CASE
LISN
1/4
0.1µF
GROUND PLANE
82nF
82nF
2µF
1
100µF
TWO METERS OF
TWISTED CABLE
NOTE: 100µF CAPACITOR AND 1
Ω RESISTOR PROVIDE STABILIZATION FOR 100µH DIFFERENTIAL SOURCE INDUCTANCE
INTRODUCED BY THE LISNs. REFER TO SECTION ON EMI CONSIDERATIONS FOR MORE INFORMATION.
LISN
Figure 14. Schematic of Test Setup for EMI Measurements


同様の部品番号 - ADDC02805S_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADDC02805SA AD-ADDC02805SA Datasheet
241Kb / 18P
   28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02805SAKV AD-ADDC02805SAKV Datasheet
241Kb / 18P
   28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02805SATV AD-ADDC02805SATV Datasheet
241Kb / 18P
   28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
REV. A
More results

同様の説明 - ADDC02805S_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADDC02828SA AD-ADDC02828SA Datasheet
204Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02828SA AD-ADDC02828SA_15 Datasheet
183Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02812DA AD-ADDC02812DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
ADDC02815DA AD-ADDC02815DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
ADDC02812DA AD-ADDC02812DA Datasheet
259Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02803SC AD-ADDC02803SC Datasheet
241Kb / 18P
   28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02803SC AD-ADDC02803SC_15 Datasheet
6Mb / 18P
   28 V 66 W 100 W DC/DC CONVERTERS WITH INTEGRAL EMI FILTER
REV. A
ADDC02808PB AD-ADDC02808PB_15 Datasheet
471Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02808PB AD-ADDC02808PB Datasheet
287Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. A
logo
Delta Electronics, Inc.
DVETR2800D DELTA-DVETR2800D Datasheet
275Kb / 15P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS WITH INTEGRAL EMI FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com