データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADDC02815DA データシート(PDF) 6 Page - Analog Devices

部品番号 ADDC02815DA
部品情報  28 V/100 W DC/DC Converters with Integral EMI Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADDC02815DA データシート(HTML) 6 Page - Analog Devices

Back Button ADDC02815DA_15 Datasheet HTML 2Page - Analog Devices ADDC02815DA_15 Datasheet HTML 3Page - Analog Devices ADDC02815DA_15 Datasheet HTML 4Page - Analog Devices ADDC02815DA_15 Datasheet HTML 5Page - Analog Devices ADDC02815DA_15 Datasheet HTML 6Page - Analog Devices ADDC02815DA_15 Datasheet HTML 7Page - Analog Devices ADDC02815DA_15 Datasheet HTML 8Page - Analog Devices ADDC02815DA_15 Datasheet HTML 9Page - Analog Devices ADDC02815DA_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
OBSOLETE
–6–
ADDC02812DA/ADDC02815DA
REV. 0
VO
IO
100W
50W
200mV
/DIV
50µs
Figure 7. Output Voltage Transient Response to a 50% to
a 100% Step Change in Load with Zero Load Capacitance
(ADDC02812DA)
50µs
IO
VO
200mV
/DIV
100W
50W
Figure 8. Output Voltage Transient Response to a 50% to
a 100% Step Change in Load with Zero Load Capacitance
(ADDC02815DA)
% FULL POWER REGULATED OUTPUT
4
2
–4
10
90
30
50
70
0
–2
UNREGULATED OUTPUT @ 10%
FULL POWER
Figure 9. Cross Regulation Envelope
FREQUENCY – Hz
0
–30
–100
10
50k
100
1k
10k
–50
–80
–10
–20
–40
–60
–70
–90
Figure 10. Audio Susceptibility (Magnitude of VOUT /VIN)
FREQUENCY – kHz
1000
100
1
0.01
100
0.1
1
10
10
Figure 11. Incremental Output Impedance (Magnitude)
FREQUENCY – kHz
10
1
–0.01
0.01
100
0.1
1
10
–0.1
VIN = 28V
VIN = 18V
Figure 12. Incremental Input Impedance (Magnitude)


同様の部品番号 - ADDC02815DA_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADDC02815DAKV AD-ADDC02815DAKV Datasheet
259Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02815DATV AD-ADDC02815DATV Datasheet
259Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02815DATV/QMLH AD-ADDC02815DATV/QMLH Datasheet
259Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. A
More results

同様の説明 - ADDC02815DA_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADDC02812DA AD-ADDC02812DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
ADDC02812DA AD-ADDC02812DA Datasheet
259Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02803SC AD-ADDC02803SC Datasheet
241Kb / 18P
   28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02803SC AD-ADDC02803SC_15 Datasheet
6Mb / 18P
   28 V 66 W 100 W DC/DC CONVERTERS WITH INTEGRAL EMI FILTER
REV. A
ADDC02828SA AD-ADDC02828SA Datasheet
204Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02805S AD-ADDC02805S_15 Datasheet
186Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. A
ADDC02828SA AD-ADDC02828SA_15 Datasheet
183Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02808PB AD-ADDC02808PB_15 Datasheet
471Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02808PB AD-ADDC02808PB Datasheet
287Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. A
logo
VPT, Inc.
DVETR2800D VPT-DVETR2800D Datasheet
1,001Kb / 17P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS WITH INTEGRAL EMI FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com