データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST3045C データシート(PDF) 5 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

部品番号 ST3045C
部品情報  SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
ホームページ  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

ST3045C データシート(HTML) 5 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  ST3045C Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST3045C Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST3045C Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST3045C Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST3045C Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST3045C Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST3045C Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1311, Rev. B
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
ST3045C
STB3045C
STF3045C
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max.
Units
VF1
@ 7.5A, Pulse, TJ = 25 °C
@ 15A, Pulse, TJ = 25 °C
0.44
0.49
0.53
0.57
V
Forward Voltage Drop
(per leg) *
VF2
@ 7.5A, Pulse, TJ = 125 °C
@ 15A, Pulse, TJ = 125
°C
0.33
0.39
0.42
0.48
V
Reverse Current at DC
condition (per leg)
IR1
@VR = rated VR
TJ = 25 °C
0.21
2.0
mA
Reverse Current (per leg) *
IR2
@VR = rated VR
TJ = 125 °C
120
150
mA
Junction Capacitance
(per leg)
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz
868
1000
pF
Max. Voltage Rate of Change
dv/dt
-
-
10,000
V/
µs
* Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Junction Temperature
TJ
-
-55 to +150
°C
Storage Temperature
Tstg
-
-55 to +150
°C
Maximum Thermal
Resistance Junction to Case
(per leg)
RθJC
DC operation
1.6
°C/W
Approximate Weight
wt
-
2/1.85/2
g
Case Style
TO-220AB/D²PAK/ITO-220AB


同様の部品番号 - ST3045C

メーカー部品番号データシート部品情報
logo
SMC Diode Solutions Co....
ST3045C SMCDIODE-ST3045C Datasheet
370Kb / 6P
   SCHOTTKY RECTIFIER
Rev. C
More results

同様の説明 - ST3045C

メーカー部品番号データシート部品情報
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com