データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ICS9248-168 データシート(PDF) 1 Page - Integrated Circuit Systems

部品番号 ICS9248-168
部品情報  AMD - K7??Clock Generator for Mobile System
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICST [Integrated Circuit Systems]
ホームページ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-168 データシート(HTML) 1 Page - Integrated Circuit Systems

  ICS9248-168 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-168 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-168 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-168 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-168 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-168 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-168 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-168 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-168 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Integrated
Circuit
Systems, Inc.
ICS9248-168
Third party brands and names are the property of their respective owners.
Block Diagram
Functionality
Pin Configuration
48-Pin 300mil SSOP
Recommended Application:
VIA KT133 style chipset
Output Features:
1 - Differential pair open drain CPU clocks
1 - CPU clock @ 3.3V
7 - SDRAM @ 3.3V
8 - PCI @ 3.3V,
1 - 48MHz, @ 3.3V fixed.
1 - 24/48MHz @ 3.3V
3 - REF @ 3.3V, 14.318MHz.
Features:
Up to 153MHz frequency support
Support power management: CPU stop and Power down
Mode from I
2C programming.
Spread spectrum for EMI control
(± 0.25% to ± 0.6% center, or 0 to -0.5% or -1.0% down
spread).
Uses external 14.318MHz crystal
AMD - K7™ Clock Generator for Mobile System
* Internal Pull-up Resistor of 120K to VDD
1
These outputs have double strength to drive 2 loads.
2
These outputs can be set to 1.5X strength through I
2C
VDDREF
X1
X2
*FS2/PCICLK_F
*FS1/PCICLK0
VDDPCI
GND
PCICLK1
PCICLK2
PCICLK3
PCICLK4
PCICLK5
GND
VDDPCI
PCICLK6
*SDRAM_STOP#
*PCI_STOP#
BUFFER_IN
AVDD
GND
GND
*FS0/48MHZ
*SEL24_48#/24_48MHz
VDD48
REF0
REF
REF2
GND
GND
VDD
CPUCLK
CPUCLKT0
CPUCLKC0
CPU_STOP#*
PD#*
SDRAM0
SDRAM1
VDDSDR
GND
SDRAM2
SDRAM3
GND
VDDSDR
SDRAM4
SDRAM5
SDRAM_F
SCLK
SDATA
1
2
2
2
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
2
S
F1
S
F0
S
FU
P
CI
C
Pe
g
a
t
n
e
c
r
e
P
d
a
e
r
p
S
000
0
0
.
0
0
13
3
.
3
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
3
.
0
-
/
+
00
1
3
3
.
3
3
13
3
.
3
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
3
.
0
-
/
+
01
0
0
0
.
0
0
13
3
.
3
3d
a
e
r
p
S
n
w
o
D
%
5
.
0
-
o
t
0
01
1
3
3
.
3
3
13
3
.
3
3d
a
e
r
p
S
n
w
o
D
%
5
.
0
-
o
t
0
10
0
0
0
.
0
0
13
3
.
3
3d
a
e
r
p
S
r
e
t
n
e
C
%
6
.
0
-
/
+
10
1
3
3
.
3
3
13
3
.
3
3d
a
e
r
p
S
r
e
t
n
e
C
%
6
.
0
-
/
+
11
0
0
0
.
0
90
0
.
0
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
2
.
0
-
/
+
111
0
0
.
0
2
10
0
.
0
3d
a
e
r
p
S
r
e
t
n
e
C
%
5
2
.
0
-
/
+
SEL24_48#
SDATA
SCLK
FS (2:0)
PD#
CPU_STOP#
PCI_STOP#
SDRAM_STOP#
BUFFER_IN
PLL2
PLL1
Spread
Spectrum
48MHz
24_48MHz
SDRAM (5:0)
PCICLK (6:0)
PCICLK_F
SDRAM_F
CPUCLKT0
CPUCLK
CPUCLKC0
X1
X2
XTAL
OSC
CPU
DIVDER
PCI
DIVDER
Stop
Stop
Stop
Control
Logic
Config.
Reg.
/ 2
REF (2:0)
SDRAM
DRIVER
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.
9248-168 Rev B 01/09/01


同様の部品番号 - ICS9248-168

メーカー部品番号データシート部品情報
logo
Integrated Circuit Syst...
ICS9248-162 ICST-ICS9248-162 Datasheet
472Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
ICS9248-163 ICST-ICS9248-163 Datasheet
300Kb / 14P
   AMD - K7 System Clock Chip
More results

同様の説明 - ICS9248-168

メーカー部品番号データシート部品情報
logo
Integrated Circuit Syst...
ICS9248-189 ICST-ICS9248-189 Datasheet
236Kb / 15P
   AMD - K7??Clock Generator for Mobile System
logo
List of Unclassifed Man...
PLL205-01 ETC1-PLL205-01 Datasheet
112Kb / 12P
   Motherboard Clock Generator for AMD - K7
logo
Integrated Circuit Syst...
ICS9248-163 ICST-ICS9248-163 Datasheet
300Kb / 14P
   AMD - K7 System Clock Chip
ICS9248-114 ICST-ICS9248-114 Datasheet
145Kb / 14P
   AMD - K7??System Clock Chip
ICS951403 ICST-ICS951403 Datasheet
639Kb / 18P
   AMD-K7 System Clock Chip
ICS9248-141 ICST-ICS9248-141 Datasheet
155Kb / 14P
   AMD - K7??System Clock Chip
logo
Renesas Technology Corp
ICS9248-114 RENESAS-ICS9248-114 Datasheet
1Mb / 15P
   AMD - K7 ™ System Clock Chip
12/28/01
logo
Integrated Circuit Syst...
ICS94228 ICST-ICS94228 Datasheet
135Kb / 17P
   Programmable System Clock Chip for AMD - K7??processor
ICS94229 ICST-ICS94229 Datasheet
246Kb / 17P
   Programmable System Clock Chip for AMD - K7 processor
ICS94215 ICST-ICS94215 Datasheet
146Kb / 18P
   Programmable System Clock Chip for AMD - K7??Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com