データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD544 データシート(PDF) 1 Page - Analog Devices

部品番号 AD544
部品情報  High Performance, BiFET Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD544 データシート(HTML) 1 Page - Analog Devices

  AD544_15 Datasheet HTML 1Page - Analog Devices AD544_15 Datasheet HTML 2Page - Analog Devices AD544_15 Datasheet HTML 3Page - Analog Devices AD544_15 Datasheet HTML 4Page - Analog Devices AD544_15 Datasheet HTML 5Page - Analog Devices AD544_15 Datasheet HTML 6Page - Analog Devices AD544_15 Datasheet HTML 7Page - Analog Devices AD544_15 Datasheet HTML 8Page - Analog Devices AD544_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
High Performance,
BiFET Operational Amplifiers
AD542/AD544/AD547
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
CONNECTION DIAGRAM
+V
NULL
3
4
5
6
7
8
1
2
NULL
OUTPUT
INVERTING
INPUT
NONINVERTING
INPUT
–V
TAB
NOTE: PIN 4 CONNECTED TO CASE
FEATURES
Ultralow Drift: 1
V/ C (AD547L)
Low Offset Voltage: 0.25 mV (AD547L)
Low Input Bias Currents: 25 pA max
Low Quiescent Current: 1.5 mA
Low Noise: 2
V p-p
High Open Loop Gain: 110 dB
High Slew Rate: 13 V/ s
Fast Settling to
0.01%: 3
s
Low Total Harmonic Distortion: 0.0025%
Available in Hermetic Metal Can and Die Form
MIL-STD-883B Versions Available
Dual Versions Available: AD642, AD644, AD647
PRODUCT DESCRIPTION
The BiFET series of precision, monolithic FET-input op amps
are fabricated with the most advanced BiFET and laser trim-
ming technologies. The AD542, AD544, AD547 series offers
bias currents significantly lower than currently available BiFET
devices, 25 pA max, warmed up.
In addition, the offset voltage is laser trimmed to less than
0.25 mV on the AD547L, which is achieved by utilizing Analog
Devices’ exclusive laser wafer trimming (LWT) process. When
combined with the AD547’s low offset drift (1
µV/°C), these
features offer the user performance superior to existing BiFET
op amps at low BiFET pricing.
The AD542 or AD547 is recommended for any operational am-
plifier application requiring excellent dc performance at low to
moderate cost. Precision instrument front ends requiring accu-
rate amplification of millivolt level signals from megohm source
impedances will benefit from the device’s excellent combination
of low offset voltage and drift, low bias current and low 1/f
noise. High common-mode rejection (80 dB, min on the “K”
and “L” grades) and high open-loop gain, even under heavy
loading, ensures better than “12-bit” linearity in high imped-
ance buffer applications.
The AD544 is recommended for any op amp applications re-
quiring excellent ac and dc performance at low cost. The
2 MHz bandwidth and low offset of the AD544 make it the first
choice as an output amplifier for current output D/A converters,
such as the AD7541, 12-bit CMOS DAC.
Devices in this series are available in four grades: the “J,” “K,”
and “L” grades are specified over the 0
°C to +70°C temperature
range and the “S” grade over the –55
°C to +125°C operating
temperature range. All devices are offered in the hermetically
sealed, TO-99 metal can package.
PRODUCT HIGHLIGHTS
1. Improved bipolar and JFET processing results in the lowest
bias current available in a monolithic FET op amp.
2. Analog Devices, unlike some manufacturers, specifies each
device for the maximum bias current at either input in the
warmed-up condition, thus assuring the user that the device
will meet its published specifications in actual use.
3. Advanced laser wafer trimming techniques reduce offset volt-
age drift to 1
µV/°C max and offset voltage to only 0.25 mV
max on the AD547L.
4. Low voltage noise (2
µV p-p) and low offset voltage drift en-
hance performance as a precision op amp.
5. High slew rate (13 V/
µs) and fast settling time to 0.01% (3 µs)
make the AD544 ideal for D/A, A/D, sample-hold circuits
and high speed integrators.
6. Low harmonic distortion (0.0025%) make the AD544 an
ideal choice in audio applications.
7. Bare die are available for use in hybrid circuit applications.
OBSOLETE


同様の部品番号 - AD544_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5440 AD-AD5440 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5440 AD-AD5440 Datasheet
717Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440 Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
AD5440 AD-AD5440 Datasheet
753Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5440 AD-AD5440 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
More results

同様の説明 - AD544_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD542 AD-AD542 Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
AD547 AD-AD547_15 Datasheet
382Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
AD542 AD-AD542_15 Datasheet
382Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
logo
Motorola, Inc
MC1748 MOTOROLA-MC1748 Datasheet
842Kb / 4P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI-LM107 Datasheet
54Kb / 4P
[Old version datasheet]   HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A Datasheet
287Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33282 ONSEMI-MC33282 Datasheet
248Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
REV 0
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
   High-Performance Dual Operational Amplifiers
logo
STMicroelectronics
LS404 STMICROELECTRONICS-LS404 Datasheet
209Kb / 12P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS
December 1997
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
   High-Performance Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com