データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD547 データシート(PDF) 3 Page - Analog Devices

部品番号 AD547
部品情報  High Performance, BiFET Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD547 データシート(HTML) 3 Page - Analog Devices

  AD547_15 Datasheet HTML 1Page - Analog Devices AD547_15 Datasheet HTML 2Page - Analog Devices AD547_15 Datasheet HTML 3Page - Analog Devices AD547_15 Datasheet HTML 4Page - Analog Devices AD547_15 Datasheet HTML 5Page - Analog Devices AD547_15 Datasheet HTML 6Page - Analog Devices AD547_15 Datasheet HTML 7Page - Analog Devices AD547_15 Datasheet HTML 8Page - Analog Devices AD547_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD542/AD544/AD547
REV. B
–3–
AD542
AD544
AD547
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
POWER SUPPLY
Rated Performance
±15
±15
±15
V
Operating
±5
±18
±5
±18
±5
±18
V
Quiescent Current
1.1
1.5
1.8
2.5
1.1
1.5
mA
VOLTAGE NOISE
0.1 Hz to 10 Hz
J Grade
2.0
2.0
2.0
µV p-p
K, L, S Grades
2.0
2.0
4.0
µV p-p
10 Hz
70
35
70
nV/
√Hz
100 Hz
45
22
45
nV/
√Hz
1 kHz
30
18
30
nV/
√Hz
10 kHz
25
16
25
nV/
√Hz
TEMPERATURE RANGE
Operating, Rated Performance
J, K, L Grades
0 to +70
0 to +70
0 to +70
°C
S Grade
–55 to +125
–55 to +125
–55 to +125
°C
Storage
–65 to +150
–65 to +150
–65 to +150
°C
TRANSISTOR COUNT
29
29
29
NOTES
1Open-Loop Gain is specified with V
OS both nulled and unnulled.
2Input Offset Voltage specifications are guaranteed after 5 minutes of operation at T
A = +25
°C.
3Input Offset Voltage Drift is specified with the offset voltage unnulled. Nulling will induce an additional 3
µV/°C/mV of nulled offset.
4Bias Current specifications are guaranteed at either input after 5 minutes of operation at T
A = +25
°C. For higher temperatures, the current doubles every 10°C.
5Defined as the maximum safe voltage between inputs, such that neither exceeds
± 10 V from ground.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels.
All min and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
ORDERING GUIDE
Initial
Offset
Settling Time
Offset
Voltage
to
0.012% for
Package
Package
Model
Voltage
Drift
a 10 V Step
Description
Option
AD542JCHIPS
2.0 mV
20
µV/°C5 µs
Bare Die
AD542JH
2.0 mV
20
µV/°C5 µs
8-Pin Hermetic Metal Can
H-08A
AD542KH
1.0 mV
10
µV/°C5 µs
8-Pin Hermetic Metal Can
H-08A
AD542LH
0.5 mV
5
µV/°C5 µs
8-Pin Hermetic Metal Can
H-08A
AD542SH
1.0 mV
15
µV/°C5 µs
8-Pin Hermetic Metal Can
H-08A
AD542SH/883B
1.0 mV
15
µV/°C5 µs
8-Pin Hermetic Metal Can
H-08A
AD544JH
2.0 mV
20
µV/°C3 µs
8-Pin Hermetic Metal Can
H-08A
AD544KH
1.0 mV
10
µV/°C3 µs
8-Pin Hermetic Metal Can
H-08A
AD544LH
0.5 mV
5
µV/°C3 µs
8-Pin Hermetic Metal Can
H-08A
AD544SH
1.0 mV
15
µV/°C3 µs
8-Pin Hermetic Metal Can
H-08A
AD544SH/883B
1.0 mV
15
µV/°C3 µs
8-Pin Hermetic Metal Can
H-08A
AD547JH
1.0 mV
5
µV/°C5 µs
8-Pin Hermetic Metal Can
H-08A
AD547KH
0.5 mV
2
µV/°C5 µs
8-Pin Hermetic Metal Can
H-08A
AD547LH
0.25 mV
1
µV/°C5 µs
8-Pin Hermetic Metal Can
H-08A
AD547SCHIPS
0.5 mV
5
µV/°C5 µs
Bare Die
AD547SH/883B
0.5 mV
5
µV/°C5 µs
8-Pin Hermetic Metal Can
H-08A
OBSOLETE


同様の部品番号 - AD547_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD547JH AD-AD547JH Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
AD547KH AD-AD547KH Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
AD547LH AD-AD547LH Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
AD547SCHIPS AD-AD547SCHIPS Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
More results

同様の説明 - AD547_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD542 AD-AD542 Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
AD544 AD-AD544_15 Datasheet
382Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
AD542 AD-AD542_15 Datasheet
382Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
logo
Motorola, Inc
MC1748 MOTOROLA-MC1748 Datasheet
842Kb / 4P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI-LM107 Datasheet
54Kb / 4P
[Old version datasheet]   HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A Datasheet
287Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33282 ONSEMI-MC33282 Datasheet
248Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
REV 0
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
   High-Performance Dual Operational Amplifiers
logo
STMicroelectronics
LS404 STMICROELECTRONICS-LS404 Datasheet
209Kb / 12P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS
December 1997
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
   High-Performance Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com