データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1846 データシート(PDF) 10 Page - Analog Devices

部品番号 AD1846
部品情報  Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1846 データシート(HTML) 10 Page - Analog Devices

Back Button AD1846_15 Datasheet HTML 6Page - Analog Devices AD1846_15 Datasheet HTML 7Page - Analog Devices AD1846_15 Datasheet HTML 8Page - Analog Devices AD1846_15 Datasheet HTML 9Page - Analog Devices AD1846_15 Datasheet HTML 10Page - Analog Devices AD1846_15 Datasheet HTML 11Page - Analog Devices AD1846_15 Datasheet HTML 12Page - Analog Devices AD1846_15 Datasheet HTML 13Page - Analog Devices AD1846_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD1846
REV. A
–10–
Sixty-four steps of –1.5 dB attenuation are supported to
–94.5 dB. The digital mix datapath can also be completely
muted, preventing any mixing of the analog input with the digi-
tal input. Note that the level of the mixed signal is also a func-
tion of the input PGA settings, since they affect the ADCs’
output.
The attenuated digital mix data is digitally summed with the
DAC input data prior to the DACs’ datapath attenuators. The
digital sum of digital mix data and DAC input data is clipped at
plus or minus full scale and does not wrap around. Because
both stereo signals are mixed before the output attenuators, mix
data is attenuated a second time by the DACs’ datapath
attenuators.
In case the AD1846 is capturing data but ADC output data is
not removed in time (“ADC overrun”), then the last sample
captured before overrun will be used for the digital mix. In case
the AD1846 is playing back data hut input digital DAC data
fails to arrive in time (“DAC underrun”), then a midscale zero
will be added to the digital mix data.
Analog Outputs
A stereo line level output is available at external pins. Each
channel of this output can be independently muted. When
muted, the outputs will settle to a dc value near VREF, the
midscale reference voltage.
Digital Data Types
The AD1846 supports four data types: 16-bit twos-complement
linear PCM, eight-bit unsigned linear PCM, companded
µ-law,
and 8-bit companded A-law, as specified by control register bits.
Data in all four formats is always transferred MSB first. Stereo
data is always transferred in the left-right order. All data formats
that are less than 16 bits are properly aligned to insure the utili-
zation of full system resolution.
The 16-bit PCM data format is capable of representing 96 dB of
dynamic range. Eight-bit PCM can represent 48 dB of dynamic
range. Companded
µ-law and A-law data formats use nonlinear
coding with less precision for large amplitude signals. The loss
of precision is compensated for by an increase in dynamic range
to 64 dB and 72 dB, respectively.
On input, 8-bit companded data is expanded to an internal lin-
ear representation, according to whether
µ-law or A-law was
specified in the Codec’s internal registers. Note that when
µ-law
compressed data is expanded to a linear format, it requires 14
bits. A-law data expanded requires 13 bits.
3/2
2/1
15
0
15
0
MSB
MSB
0 0 0 / 0 0
15
0
MSB
DAC INPUT
EXPANSION
COMPRESSED
INPUT DATA
3/2
2/1
LSB
LSB
8 7
LSB
Figure 2. A-Law or
µ-Law Expansion
When 8-bit companding is specified, the ADCs’ linear output is
compressed to the format specified.
LSB
3/2
2/1
15
0
15
0
MSB
MSB
0 0 0 0 0 0 0 0
15
0
MSB
ADC OUTPUT
TRUNCATION
COMPRESSION
LSB
8 7
LSB
Figure 3. A-Law or
µ-Law Compression
Note that all format conversions take place at input or output.
Internally, the AD1846 always uses 16-bit linear PCM represen-
tations to maintain maximum precision.
Power Supplies and Voltage Reference
The AD1846 operates from +5 V power supplies. Independent
analog and digital supplies are recommended for optimal perfor-
mance though excellent results can be obtained in single supply
systems. A voltage reference is included on the Codec and its
2.25 V buffered output is available on an external pin (VREF).
The reference output can be used for biasing op amps used in
dc coupling. The internal reference must be externally bypassed
to analog ground at the VREF_F pin.
Clocks and Sample Rates
The AD1846 operates from external crystals. Two crystal inputs
are provided to generate a wide range of sample rates. The oscil-
lators for these crystals are on the AD1846, as is a multiplexer
for selecting between them. They can be overdriven with exter-
nal clocks by the user, if so desired. The recommended crystal
frequencies are 16.9344 MHz and 24.576 MHz. From them the
following sample rates are divided down: 5.5125, 6.615, 8, 9.6,
11.025, 16, 18.9, 22.05, 27.42857, 32, 33.075, 37.8, 44.1,
48 kHz.
OBSOLETE
OBSOLETE
OBSOLETE


同様の部品番号 - AD1846_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1846JP AD-AD1846JP Datasheet
277Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
More results

同様の説明 - AD1846_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1846 AD-AD1846 Datasheet
277Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K Datasheet
320Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com