データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD26AN06_F085 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FDD26AN06_F085
部品情報  N-Channel PowerTrench짰 MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD26AN06_F085 データシート(HTML) 1 Page - Fairchild Semiconductor

  FDD26AN06_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDD26AN06_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDD26AN06_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDD26AN06_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDD26AN06_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDD26AN06_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDD26AN06_F085 Datasheet HTML 7Page - Fairchild Semiconductor FDD26AN06_F085 Datasheet HTML 8Page - Fairchild Semiconductor FDD26AN06_F085 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
©2010 Fairchild Semiconductor Corporation
FDD13AN06A0_F085 Rev. A
FDD13AN06A0_F085
N-Channel PowerTrench® MOSFET
60V, 50A, 13.5m
Ω
Features
•rDS(ON) = 11.5mΩ (Typ.), VGS = 10V, ID = 50A
•Qg(tot) = 22nC (Typ.), VGS = 10V
• Low Miller Charge
•Low QRR Body Diode
• UIS Capability (Single Pulse and Repetitive Pulse)
• Qualified to AEC Q101
Formerly developmental type 82555
Applications
• Motor / Body Load Control
• ABS Systems
• Powertrain Management
• Injection Systems
• DC-DC converters and Off-line UPS
• Distributed Power Architectures and VRMs
• Primary Switch for 12V and 24V systems
MOSFET Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
This product has been designed to meet the extreme test conditions and environment demanded by the automotive industry. For a
copy of the requirements, see AEC Q101 at: http://www.aecouncil.com/
Reliability data can be found at: http://www.fairchildsemi.com/products/discrete/reliability/index.html.
All Fairchild Semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality systems
certification.
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
60
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
50
A
Continuous (TC < 80
oC, V
GS = 10V)
Continuous (TA = 25
oC, V
GS = 10V, R
θJA = 52
oC/W)
9.9
A
Pulsed
Figure 4
A
EAS
Single Pulse Avalanche Energy ( Note 1)
56
mJ
PD
Power dissipation
115
W
Derate above 25
oC0.77
W/
o
C
TJ, TSTG
Operating and Storage Temperature
-55 to 175
oC
RθJC
Thermal Resistance Junction to Case TO-252
1.3
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-252
100
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-252, 1in
2 copper pad area
52
oC/W
D
G
S
TO-252AA
FDD SERIES
GATE
SOURCE
(FLANGE)
DRAIN
• RoHS Compliant
September 2010


同様の部品番号 - FDD26AN06_F085

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD26AN06A0 FAIRCHILD-FDD26AN06A0 Datasheet
609Kb / 11P
   N-Channel PowerTrench MOSFET
FDD26AN06A0 FAIRCHILD-FDD26AN06A0_11 Datasheet
876Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 36A, 26m廓
More results

同様の説明 - FDD26AN06_F085

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com