データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD26AN06_F085 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FDD26AN06_F085
部品情報  N-Channel PowerTrench짰 MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD26AN06_F085 データシート(HTML) 2 Page - Fairchild Semiconductor

  FDD26AN06_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDD26AN06_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDD26AN06_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDD26AN06_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDD26AN06_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDD26AN06_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDD26AN06_F085 Datasheet HTML 7Page - Fairchild Semiconductor FDD26AN06_F085 Datasheet HTML 8Page - Fairchild Semiconductor FDD26AN06_F085 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Package Marking and Ordering Information
Electrical Characteristics T
C = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics (V
GS = 10V)
Drain-Source Diode Characteristics
Notes:
1: Starting TJ = 25°C, L = 45μH, IAS = 50A.
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250μA, VGS = 0V
60
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 50V
-
-
1
μA
VGS = 0V
TC = 150
oC-
-
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(TH)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250μA2
-
4
V
rDS(ON)
Drain to Source On Resistance
ID = 50A, VGS = 10V
-
0.0115 0.0135
Ω
ID = 25A, VGS = 6V
-
0.022
0.034
ID = 50A, VGS = 10V,
TJ = 175
oC
-
0.026
0.030
CISS
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1MHz
-
1350
-
pF
COSS
Output Capacitance
-
260
-
pF
CRSS
Reverse Transfer Capacitance
-
90
-
pF
Qg(TOT)
Total Gate Charge at 10V
VGS = 0V to 10V
VDD = 30V
ID = 50A
Ig = 1.0mA
22
29
nC
Qg(TH)
Threshold Gate Charge
VGS = 0V to 2V
-
2.6
3.4
nC
Qgs
Gate to Source Gate Charge
-
8.2
-
nC
Qgs2
Gate Charge Threshold to Plateau
-
5.6
-
nC
Qgd
Gate to Drain “Miller” Charge
-
6.4
-
nC
tON
Turn-On Time
VDD = 30V, ID = 50A
VGS = 10V, RGS = 12Ω
--
130
ns
td(ON)
Turn-On Delay Time
-
9
-
ns
tr
Rise Time
-
77
-
ns
td(OFF)
Turn-Off Delay Time
-
26
-
ns
tf
Fall Time
-
25
-
ns
tOFF
Turn-Off Time
-
-
77
ns
VSD
Source to Drain Diode Voltage
ISD = 50A
-
-
1.25
V
ISD = 25A
-
-
1.0
V
trr
Reverse Recovery Time
ISD = 50A, dISD/dt = 100A/μs-
-
24
ns
QRR
Reverse Recovered Charge
ISD = 50A, dISD/dt = 100A/μs-
-
15
nC
©2010 Fairchild Semiconductor Corporation
FDD13AN06A0_F085 Rev. A
FDD13AN06A0
FDD13AN06A0_F085
TO-252AA
330mm
16mm
2500 units


同様の部品番号 - FDD26AN06_F085

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD26AN06A0 FAIRCHILD-FDD26AN06A0 Datasheet
609Kb / 11P
   N-Channel PowerTrench MOSFET
FDD26AN06A0 FAIRCHILD-FDD26AN06A0_11 Datasheet
876Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 36A, 26m廓
More results

同様の説明 - FDD26AN06_F085

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com