データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDG6301N_F085 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FDG6301N_F085
部品情報  Dual N-Channel, Digital FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG6301N_F085 データシート(HTML) 4 Page - Fairchild Semiconductor

  FDG6301N_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDG6301N_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDG6301N_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDG6301N_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDG6301N_F085 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Figure 10. Single Pulse Maximum Power
Dissipation.
Figure 8. Capacitance Characteristics
.
Figure 7. Gate Charge Characteristics.
Figure 9. Maximum Safe Operating Area.
Typical Electrical Characteristics ( continued)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
1
2
3
4
5
6
Q , GATE CHARGE (nC)
g
I = 0.22A
D
V
= 5V
DS
10V
0.4
0.8
2
5
10
25
40
0.01
0.03
0.1
0.3
1
V
, DRAIN-SOURCE VOLTAGE (V)
RDS(ON)
LIMIT
DC
DS
10s
100ms
10ms
V
= 4.5V
SINGLE PULSE
R
= 415 °C/W
T = 25°C
θJA
GS
A
1s
0.1
0.3
1
3
10
25
2
3
5
8
15
30
V
, DRAIN TO SOURCE VOLTAGE (V)
DS
Ciss
f = 1 MHz
V
= 0 V
GS
Coss
Crss
0.0001
0.001
0.01
0.1
1
10
200
0
10
20
30
40
50
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R
=415°C/W
T = 25°C
θJA
A
0.0001
0.001
0.01
0.1
1
10
100
200
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t / t
1
2
T - T = P * R
(t)
A
J
P(pk)
t1
t 2
θJA
R
(t) = r(t) * R
R
=415
°C/W
θJA
θJA
θJA
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in note 1.
Transient thermal response will change depending on the circuit board design.
FDG6301N_F085 Rev. A
www.fairchildsemi.com
4


同様の部品番号 - FDG6301N_F085

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FDG6301N-F085 ONSEMI-FDG6301N-F085 Datasheet
640Kb / 6P
   Dual N-Channel, Digital FET
September, 2019 - Rev. 3
More results

同様の説明 - FDG6301N_F085

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDG6301N FAIRCHILD-FDG6301N Datasheet
226Kb / 8P
   Dual N-Channel, Digital FET
FDG6313N FAIRCHILD-FDG6313N Datasheet
58Kb / 5P
   Dual N-Channel, Digital FET
FDC6301N FAIRCHILD-FDC6301N_01 Datasheet
374Kb / 5P
   Dual N-Channel , Digital FET
logo
ON Semiconductor
FDG6301N-F085 ONSEMI-FDG6301N-F085 Datasheet
640Kb / 6P
   Dual N-Channel, Digital FET
September, 2019 - Rev. 3
logo
Shenzhen Huazhimei Semi...
HM2302BWSR HMSEMI-HM2302BWSR Datasheet
199Kb / 5P
   Dual N-Channel Digital FET
logo
Fairchild Semiconductor
FDG6303N FAIRCHILD-FDG6303N_01 Datasheet
413Kb / 5P
   Dual N-Channel, Digital FET
FDC6301N FAIRCHILD-FDC6301N Datasheet
73Kb / 4P
   Dual N-Channel , Digital FET
FDC6303N FAIRCHILD-FDC6303N Datasheet
72Kb / 4P
   Digital FET, Dual N-Channel
FDG6303N FAIRCHILD-FDG6303N Datasheet
226Kb / 8P
   Dual N-Channel, Digital FET
FDG6301N FAIRCHILD-FDG6301N_09 Datasheet
351Kb / 5P
   Dual N-Channel, Digital FET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com