データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD2S1200 データシート(PDF) 1 Page - Analog Devices

部品番号 AD2S1200
部品情報  12-Bit R/D Converter with Reference Oscillator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD2S1200 データシート(HTML) 1 Page - Analog Devices

  AD2S1200_15 Datasheet HTML 1Page - Analog Devices AD2S1200_15 Datasheet HTML 2Page - Analog Devices AD2S1200_15 Datasheet HTML 3Page - Analog Devices AD2S1200_15 Datasheet HTML 4Page - Analog Devices AD2S1200_15 Datasheet HTML 5Page - Analog Devices AD2S1200_15 Datasheet HTML 6Page - Analog Devices AD2S1200_15 Datasheet HTML 7Page - Analog Devices AD2S1200_15 Datasheet HTML 8Page - Analog Devices AD2S1200_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
12-Bit R/D Converter
with Reference Oscillator
AD2S1200
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
Complete monolithic R/D converter
Parallel and serial 12-bit data ports
System fault detection
Absolute position and velocity outputs
Differential inputs
±11 arc minutes of accuracy
1,000 rps maximum tracking rate, 12-bit resolution
Incremental encoder emulation (1,024 pulses/rev)
Programmable sinusoidal oscillator on-board
Compatible with DSP and SPI® interface standards
204.8 kHz square wave output
Single-supply operation (5.00 V ± 5%)
−40°C to +125°C temperature rating
44-lead LQFP package
4 kV ESD protection
GENERAL DESCRIPTION
The AD2S1200 is a complete 12-bit resolution tracking resolver-
to-digital converter, integrating an on-board programmable
sinusoidal oscillator that provides sine wave excitation for
resolvers. An external 8.192 MHz crystal is required to provide
a precision time reference. This clock is internally divided to
generate a 4.096 MHz clock to drive all the peripherals.
The converter accepts 3.6 V p-p ± 10% input signals, in the
range of 10 kHz to 20 kHz on the Sin and Cos inputs. A Type II
servo loop is employed to track the inputs and convert the input
Sin and Cos information into a digital representation of the
input angle and velocity. The bandwidth of the converter is set
internally to 1.7 kHz with an external 8.192 MHz crystal. The
maximum tracking rate is 1,000 rps.
FUNCTIONAL BLOCK DIAGRAM
REFERENCE
OSCILLATOR
(DAC)
ADC
SinLO
Sin
ANGLE
θ
ANGLE
φ
ADC
CosLO
Cos
EXC
EXC
A
B
NM
SAMPLE
MONITOR
ERROR
MONITOR
(204.8kHz)
CPO
REFBYP
REFOUT
FS1
FS2
XTALOUT
CLKIN
(8.192MHz)
DOS
LOT
DIR
(4.096MHz)
ERROR
ERROR
CALCULATION/
SIGNAL
MONITOR
DEMODULATOR
CS
RD
POSITION
INTEGRATOR
POSITION REGISTER
MULTIPLEXER
DB11
SO
SOE
RDVEL
RESET
DB10
SCLK
DB9–DB0
AD2S1200
DATA BUS OUTPUT
VELOCITY REGISTER
ENCODER
EMULATION
SYNTHETIC
REFERENCE
VOLTAGE
REFERENCE
INTERNAL
CLOCK
GENERATOR
CLOCK
DIVIDER
FAULT
INDICATORS
DIGITAL
FILTER
VELOCITY
INTEGRATOR
Figure 1.


同様の部品番号 - AD2S1200_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD2S1200 AD-AD2S1200_17 Datasheet
414Kb / 25P
   12-Bit R/D Converter Reference Oscillator
More results

同様の説明 - AD2S1200_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD2S1205 AD-AD2S1205 Datasheet
357Kb / 25P
   12-Bit R/D Converter with Reference Oscillator
Rev. PrB_10/06
AD2S1200 AD-AD2S1200 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_17 Datasheet
414Kb / 25P
   12-Bit R/D Converter Reference Oscillator
AD2S1210 AD-AD2S1210 Datasheet
513Kb / 36P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1210SST-EP-RL7 AD-AD2S1210SST-EP-RL7 Datasheet
345Kb / 16P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1205 AD-AD2S1205_17 Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
ADW71205WSTZ AD-ADW71205WSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
ADW71205YSTZ AD-ADW71205YSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
AD2S1205 AD-AD2S1205_15 Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
logo
Linear Technology
LTC1282 LINER-LTC1282 Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com