データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD534 データシート(PDF) 5 Page - Analog Devices

部品番号 AD534
部品情報  Internally Trimmed Precision IC Multiplier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD534 データシート(HTML) 5 Page - Analog Devices

  AD534_15 Datasheet HTML 1Page - Analog Devices AD534_15 Datasheet HTML 2Page - Analog Devices AD534_15 Datasheet HTML 3Page - Analog Devices AD534_15 Datasheet HTML 4Page - Analog Devices AD534_15 Datasheet HTML 5Page - Analog Devices AD534_15 Datasheet HTML 6Page - Analog Devices AD534_15 Datasheet HTML 7Page - Analog Devices AD534_15 Datasheet HTML 8Page - Analog Devices AD534_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AD534
Data Sheet
Rev. D | Page 4 of 20
AD534J
AD534K
AD534L
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Bias Current
0.8
2.02
0.8
2.02
0.8
2.02
μA
Offset Current
0.1
0.1
0.05
0.22
μA
Differential Resistance
10
10
10
DIVIDER PERFORMANCE
Transfer Function (X1 > X2)
1
2
1
1
2
Y
X
X
Z
Z
)
(
)
(
V
10
1
2
1
1
2
Y
X
X
Z
Z
)
(
)
(
V
10
1
2
1
1
2
Y
X
X
Z
Z
)
(
)
(
V
10
Total Error1
X = 10 V, −10 V ≤ Z ≤ +10 V
±0.75
±0.35
±0.2
%
X = 1 V, −1 V ≤ Z ≤ +1 V
±2.0
±1.0
±0.8
%
0.1 V ≤ X ≤ 10 V, −10 V ≤ Z ≤ +10 V
±2.5
±1.0
±0.8
%
SQUARER PERFORMANCE
Transfer Function
2
2
1
Z
X
X
V
10
)
(
2
2
2
1
Z
X
X
V
10
)
(
2
2
2
1
Z
X
X
V
10
)
(
2
Total Error (−10 V ≤ X ≤ +10 V)
±0.6
±0.3
±0.2
%
SQUARE-ROOTER PERFORMANCE
Transfer Function (Z1 ≤ Z2)
√(10 V(Z2 – Z1)) + X2
√(10 V(Z2 – Z1)) + X2
√(10 V(Z2 – Z1)) + X2
Total Error1 (1 V ≤ Z ≤ 10 V)
±1.0
±0.5
±0.25
%
POWER SUPPLY SPECIFICATIONS
Supply Voltage
Rated Performance
±15
±15
±15
V
Operating
±8
±182
±8
±182
±8
±182
V
Supply Current
Quiescent
4
62
4
62
4
62
mA
1 Specifications given are percent of full scale, ±10 V (that is, 0.01% = 1 mV).
2 Tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels.
3 Can be reduced down to 3 V using external resistor between –VS and SF.
4 Irreducible component due to nonlinearity; excludes effect of offsets.
5 Using external resistor adjusted to give SF = 3 V.
6 See Figure 1 for definition of sections.


同様の部品番号 - AD534_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5340 AD-AD5340 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5340 AD-AD5340 Datasheet
274Kb / 20P
   2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5340 AD-AD5340 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5340 AD-AD5340 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5340 AD-AD5340 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 關A, 2-Wire Interface Interface
Rev. G
More results

同様の説明 - AD534_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD534 AD-AD534 Datasheet
159Kb / 12P
   Internally Trimmed Precision IC Multiplier
REV. B
AD632 AD-AD632 Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
AD632 AD-AD632_15 Datasheet
498Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD532 AD-AD532 Datasheet
136Kb / 7P
   Internally Trimmed Integrated Circuit Multiplier
REV. B
AD532KDZ AD-AD532KDZ Datasheet
521Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD532 AD-AD532_15 Datasheet
559Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
REV. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
   INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD510 AD-AD510 Datasheet
378Kb / 4P
   Low Cost, Laser Trimmed, Precision IC Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com