データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD588 データシート(PDF) 8 Page - Analog Devices

部品番号 AD588
部品情報  Multiple Output, High Precision, Dual-Tracking Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD588 データシート(HTML) 8 Page - Analog Devices

Back Button AD588_15 Datasheet HTML 4Page - Analog Devices AD588_15 Datasheet HTML 5Page - Analog Devices AD588_15 Datasheet HTML 6Page - Analog Devices AD588_15 Datasheet HTML 7Page - Analog Devices AD588_15 Datasheet HTML 8Page - Analog Devices AD588_15 Datasheet HTML 9Page - Analog Devices AD588_15 Datasheet HTML 10Page - Analog Devices AD588_15 Datasheet HTML 11Page - Analog Devices AD588_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD588
Rev. L | Page 8 of
20
Figure 5 shows gain and balance trims in a +5 V and −5 V
tracking configuration. A 100 kΩ, 20-turn potentiometer
is used for each trim. The potentiometer for gain trim is
connected between Pin 6 (VHIGH) and Pin 8 (VLOW) with the
wiper connected to Pin 5 (GAIN ADJ). The potentiometer is
adjusted to produce exactly 10 V between Pin 1 and Pin 15, the
amplifier outputs. The balance potentiometer, also connected
between Pin 6 and Pin 8 with the wiper to Pin 12 (BAL ADJ), is
then adjusted to center the span from +5 V to −5 V.
Trimming in other configurations works in exactly the same
manner. When producing +10 V and +5 V, GAIN ADJ is used
to trim +10 V and BAL ADJ is used to trim +5 V. In the −10 V
and −5 V configuration, GAIN ADJ is again used to trim the
magnitude of the span, −10 V, while BAL ADJ is used to trim
the center tap, −5 V.
Trimming the AD588 introduces no additional errors over
temperature, so precision potentiometers are not required. For
single-output voltage ranges, or in cases when balance adjust is
not required, Pin 12 should be connected to Pin 11. If gain
adjust is not required, Pin 5 should be left floating.
In single output configurations, GAIN ADJ is used to trim
outputs utilizing the full span (+10 V or −10 V), while BAL ADJ
is used to trim outputs using half the span (+5 V or −5 V).
Input impedance on both the GAIN ADJ and BAL ADJ pins is
approximately 150 kΩ. The GAIN ADJ trim network effectively
attenuates the 10 V across the trim potentiometer by a factor of
about 1500 to provide a trim range of −3.5 mV to +7.5 mV with
a resolution of approximately 550 μV/turn (20-turn potentiome-
ter). The BAL ADJ trim network attenuates the trim voltage by
a factor of about 1400, providing a trim range of ±4.5 mV with
resolution of 450 μV/turn.
R3
RB
R1
R2
R4
R5
R6
–VS
+VS
A1
A4
AD588
A3
SYSTEM
GROUND
+10V
+15V
+5V
–15V
SYSTEM
GROUND
0.1µF
0.1µF
1
14
15
2
16
13
11
12
8
10
9
5
3
4
6
7
A2
Figure 4. +10 V Output
R3
RB
R1
R2
R4
R5
R6
–VS
+VS
A1
A4
AD588
A3
A2
SYSTEM
GROUND
+5V
+15V
–5V
–15V
SYSTEM
GROUND
0.1µF
0.1µF
100kΩ
20T
BALANCE
ADJUST
100kΩ
20T
GAIN ADJUST
+15V
NOISE
REDUCTION
1µF
39kΩ
Figure 5. +5 V and −5 V Outputs
R3
RB
R1
R2
R4
R5
R6
–VS
+VS
A1
A4
AD588
A3
SYSTEM
GROUND
+15V
–10V
–15V
SYSTEM
GROUND
0.1µF
0.1µF
NOISE
REDUCTION
–5V
0.1µF
0.1µF
1
14
15
2
16
3
4
6
7
13
11
12
8
10
9
5
A2
Figure 6. −10 V Output


同様の部品番号 - AD588_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD588AQ AD-AD588AQ Datasheet
3Mb / 12P
   High Precision Voltage Reference
REV. D
AD588BQ AD-AD588BQ Datasheet
3Mb / 12P
   High Precision Voltage Reference
REV. D
AD588JQ AD-AD588JQ Datasheet
3Mb / 12P
   High Precision Voltage Reference
REV. D
AD588KQ AD-AD588KQ Datasheet
3Mb / 12P
   High Precision Voltage Reference
REV. D
AD588SQ AD-AD588SQ Datasheet
3Mb / 12P
   High Precision Voltage Reference
REV. D
More results

同様の説明 - AD588_15

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX6072 MAXIM-MAX6072 Datasheet
1Mb / 21P
   High-Precision, Dual-Output Series Voltage Reference
19-7483; Rev 0; 12/14
logo
Linear Technology
LT6658 LINER-LT6658 Datasheet
261Kb / 4P
   Precision Dual Output, High Current, Low Noise, Voltage Reference
logo
Linear Integrated Syste...
LT6658BHMSE-2.5 LINEAR-LT6658BHMSE-2.5 Datasheet
2Mb / 30P
   Precision Dual Output, High Current, Low Noise, Voltage Reference
LT6658BIMSE-2.5 LINEAR-LT6658BIMSE-2.5 Datasheet
2Mb / 30P
   Precision Dual Output,High Current, Low Noise, Voltage Reference
logo
List of Unclassifed Man...
VRE402 ETC-VRE402 Datasheet
1Mb / 20P
   Precision Dual Reference
logo
Analog Devices
ADR3625 AD-ADR3625 Datasheet
3Mb / 21P
   Precision, Micropower, High Current Output Voltage Reference
Rev. 0
logo
Cirrus Logic
VRE410 CIRRUS-VRE410 Datasheet
676Kb / 5P
   Precision Dual Voltage Reference
VRE405 CIRRUS-VRE405 Datasheet
699Kb / 5P
   Precision Dual Voltage Reference
logo
Pixart Imaging Inc.
PAJ7025R2 PIXART-PAJ7025R2 Datasheet
819Kb / 12P
   Multiple Objects Tracking Sensor Module
logo
Artesyn Technologies
DDR12 ARTESYN-DDR12 Datasheet
310Kb / 11P
   Tracking Dual Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com