データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD0919N08054T データシート(PDF) 3 Page - Frontier Electronics.

部品番号 BD0919N08054T
部品情報  Surface mount dual ceramic balun with a small size of 2.00 x 1.20 x 0.90 mm (0805 size).
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FRONTIER [Frontier Electronics.]
ホームページ  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BD0919N08054T データシート(HTML) 3 Page - Frontier Electronics.

  BD0919N08054T Datasheet HTML 1Page - Frontier Electronics. BD0919N08054T Datasheet HTML 2Page - Frontier Electronics. BD0919N08054T Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BD0919N08054T BALUN SPECIFICATION
Rev A
TEST DATA
Typical RF Performance
Low Band:
High Band:
Frontier Electronics Corp.
®
Page: 3 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


同様の部品番号 - BD0919N08054T

メーカー部品番号データシート部品情報
logo
ITT Industries
BD09 ITT-BD09 Datasheet
170Kb / 2P
   Standard Profile DIP Switches
logo
C&K Components
BD09 CK-COMPONENTS-BD09 Datasheet
122Kb / 2P
   Standard Profile DIP Switches
BD09 CK-COMPONENTS-BD09 Datasheet
174Kb / 2P
   Standard Profile DIP Switches
BD09 CK-COMPONENTS-BD09 Datasheet
279Kb / 3P
   Standard Profile DIP Switches
1999
logo
Yantel Corporation
BD0900U510-1301 YANTEL-BD0900U510-1301 Datasheet
411Kb / 3P
   Ultra Low Profile 1301 Balun 50廓 to 100廓 Balanced
More results

同様の説明 - BD0919N08054T

メーカー部品番号データシート部品情報
logo
Frontier Electronics.
BL5200K08052T FRONTIER-BL5200K08052T Datasheet
210Kb / 2P
   Surface mount ceramic balun with a small size of 2.00 x 1.25 x 0.95 mm (0805 size).
BL2450K08051T FRONTIER-BL2450K08051T Datasheet
143Kb / 2P
   Surface mount ceramic balun with a small size of 2.00 x 1.25 x 0.95 mm (0805 size).
BL2450K08052T FRONTIER-BL2450K08052T Datasheet
302Kb / 2P
   Surface mount ceramic balun with a small size of 2.00 x 1.25 x 0.95 mm (0805 size).
BL2450K08054T FRONTIER-BL2450K08054T Datasheet
152Kb / 2P
   Surface mount ceramic balun with a small size of 2.00 x 1.25 x 0.95 mm (0805 size)..
BL5200K08051T FRONTIER-BL5200K08051T Datasheet
161Kb / 2P
   Surface mount ceramic balun with a small size of 2.00 x 1.25 x 0.95 mm (0805 size).
CMD100T0804BT FRONTIER-CMD100T0804BT Datasheet
150Kb / 2P
   Surface mount dual common mode filter with a small size of 2.00 X 1.05 X 0.90 mm, RoHS compliant.
CMD100T0804AT FRONTIER-CMD100T0804AT Datasheet
129Kb / 2P
   Surface mount dual common mode filter with a small size of 2.00 X 1.05 X 0.90 mm, RoHS compliant.
CMD100T0804CT FRONTIER-CMD100T0804CT Datasheet
129Kb / 2P
   Surface mount dual common mode filter with a small size of 2.00 X 1.05 X 0.90 mm, RoHS compliant.
BL2450K06031T FRONTIER-BL2450K06031T Datasheet
170Kb / 2P
   Surface mount ceramic balun with a small size of 1.6 x 0.8 x 0.5 mm (0603 size).
BF2450E0805RT FRONTIER-BF2450E0805RT Datasheet
200Kb / 2P
   Surface mount balun filter with a small size of 2.0 X 1.2 X 1.1 mm, RoHS compliant.
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com