データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD598 データシート(PDF) 7 Page - Analog Devices

部品番号 AD598
部品情報  LVDT Signal Conditioner
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD598 データシート(HTML) 7 Page - Analog Devices

Back Button AD598_15 Datasheet HTML 3Page - Analog Devices AD598_15 Datasheet HTML 4Page - Analog Devices AD598_15 Datasheet HTML 5Page - Analog Devices AD598_15 Datasheet HTML 6Page - Analog Devices AD598_15 Datasheet HTML 7Page - Analog Devices AD598_15 Datasheet HTML 8Page - Analog Devices AD598_15 Datasheet HTML 9Page - Analog Devices AD598_15 Datasheet HTML 10Page - Analog Devices AD598_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD598
REV. A
–7–
8. C2, C3 and C4 are a function of the desired bandwidth of
the AD598 position measurement subsystem. They should
be nominally equal values.
C2 = C3 = C4 = 10
–4 Farad Hz/f
SUBSYSTEM (Hz)
If the desired system bandwidth is 250 Hz, then
C2 = C3 = C4 = 10
–4 Farad Hz/250 Hz = 0.4
µF
See Figures 13, 14 and 15 for more information about
AD598 bandwidth and phase characterization.
9. In order to Compute R2, which sets the AD598 gain or full-
scale output range, several pieces of information are needed:
a. LVDT sensitivity, S
b. Full-scale core displacement, d
c. Ratio of manufacturer recommended primary drive level,
VPRI to (VA + VB) computed in Step 4.
LVDT sensitivity is listed in the LVDT manufacturer’s cata-
log and has units of millivolts output per volts input per inch
displacement. The E100 has a sensitivity of 2.4 mV/V/mil.
In the event that LVDT sensitivity is not given by the manu-
facturer, it can be computed. See section on Determining
LVDT Sensitivity.
For a full-scale displacement of d inches, voltage out of the
AD598 is computed as
VOUT = S ×
VPRI
(VA +VB)


× 500 µA × R2 × d.
VOUT is measured with respect to the signal reference,
Pin 17 shown in Figure 7.
Solving for R2,
R2
=
VOUT × (VA +VB )
S
×V
PRI × 500 µA × d
(1)
Note that VPRI is the same signal level used in Step 4 to
determine (VA + VB).
For VOUT = 20 V full-scale range (
±10 V) and d = 0.2 inch
full-scale displacement (
±0.1 inch),
R2
=
20V
× 2.70V
2.4
× 3 × 500 µA × 0.2 =
75. 3 k
VOUT as a function of displacement for the above example is
shown in Figure 9.
+10
+0.1 d
0.1
10
V
OUT (VOLTS)
(INCHES)
Figure 9. VOUT (±10 V Full Scale)
vs. Core Displacement (
±0.1 Inch)
10. Selections of R3 and R4 permit a positive or negative output
voltage offset adjustment.
VOS = 1.2V × R2 ×
1
R 3
+ 5 kΩ*
1
R4
+ 5 kΩ*

 (2)
*These values have a
±20% tolerance.
For no offset adjustment R3 and R4 should be open circuit.
To design a circuit producing a 0 V to +10 V output for a
displacement of
±0.1 inch, set V
OUT to +10 V, d = 0.2 inch
and solve Equation (1) for R2.
R2 = 37.6 k
This will produce a response shown in Figure 10.
+5
+0.1 d
0.1
5
(INCHES)
V
OUT (VOLTS)
Figure 10. VOUT (±5 V Full Scale)
vs. Core Displacement (
±0.1 Inch)
In Equation (2) set VOS = 5 V and solve for R3 and R4.
Since a positive offset is desired, let R4 be open circuit.
Rearranging Equation (2) and solving for R3
R 3
=
1.2
× R2
VOS
–5 k
Ω= 4.02 kΩ
Figure 11 shows the desired response.
+10
0.1
+0.1 d
+5
(INCHES)
V
OUT (VOLTS)
Figure 11. VOUT (0 V–10 V Full Scale)
vs. Displacement (
±0.1 Inch)
DESIGN PROCEDURE
SINGLE SUPPLY OPERATION
Figure 12 shows the single supply connection method.
For single supply operation, repeat Steps 1 through 10 of the
design procedure for dual supply operation, then complete the
additional Steps 11 through 14 below. R5, R6 and C5 are addi-
tional component values to be determined. VOUT is measured
with respect to SIGNAL REFERENCE.
11. Compute a maximum value of R5 and R6 based upon the
relationship
R5 + R6
≤ V
PS/100 µA
12. The voltage drop across R5 must be greater than
2
+ 10 kΩ*
1.2V
R4
+ 5 kΩ
+ 250 µA +
VOUT
4
× R2


Volts
Therefore
R5
2
+10 kΩ*
1.2 V
R4
+5kΩ
+250 µA +
VOUT
4
× R2


100
µA
Ohms
*These values have
±20% tolerance.
Based upon the constraints of R5 + R6 (Step 11) and R5
(Step 12), select an interim value of R6.


同様の部品番号 - AD598_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD598A AD-AD598A Datasheet
553Kb / 16P
   LVDT Signal Conditioner
REV. A
AD598AD AD-AD598AD Datasheet
553Kb / 16P
   LVDT Signal Conditioner
REV. A
AD598J AD-AD598J Datasheet
553Kb / 16P
   LVDT Signal Conditioner
REV. A
AD598JR AD-AD598JR Datasheet
553Kb / 16P
   LVDT Signal Conditioner
REV. A
More results

同様の説明 - AD598_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD598 AD-AD598 Datasheet
553Kb / 16P
   LVDT Signal Conditioner
REV. A
logo
NXP Semiconductors
NE5521 PHILIPS-NE5521 Datasheet
69Kb / 5P
   LVDT signal conditioner
August 31, 1994
logo
Analog Devices
AD698 AD-AD698 Datasheet
228Kb / 12P
   Universal LVDT Signal Conditioner
REV. B
AD698 AD-AD698_15 Datasheet
235Kb / 12P
   Universal LVDT Signal Conditioner
REV. B
AD698APZ AD-AD698APZ Datasheet
235Kb / 12P
   Universal LVDT Signal Conditioner
REV. B
logo
Vitesse Semiconductor C...
VSC7104 VITESSE-VSC7104 Datasheet
461Kb / 2P
   Quad Signal Conditioner, Octal Signal Conditioner
logo
TE Connectivity Ltd
LDM-1000 TEC-LDM-1000 Datasheet
140Kb / 3P
   LVDT/RVDT Signal Conditioning Module
logo
Festo Corporation.
544216 FESTO-544216 Datasheet
85Kb / 1P
   Signal conditioner
544218 FESTO-544218 Datasheet
87Kb / 1P
   Signal conditioner
544221 FESTO-544221 Datasheet
88Kb / 1P
   Signal conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com