データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQD13N10 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FQD13N10
部品情報  N-Channel QFET MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD13N10 データシート(HTML) 1 Page - Fairchild Semiconductor

  FQD13N10 Datasheet HTML 1Page - Fairchild Semiconductor FQD13N10 Datasheet HTML 2Page - Fairchild Semiconductor FQD13N10 Datasheet HTML 3Page - Fairchild Semiconductor FQD13N10 Datasheet HTML 4Page - Fairchild Semiconductor FQD13N10 Datasheet HTML 5Page - Fairchild Semiconductor FQD13N10 Datasheet HTML 6Page - Fairchild Semiconductor FQD13N10 Datasheet HTML 7Page - Fairchild Semiconductor FQD13N10 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 2013
Thermal Characteristics
FQD13N10
N-Channel QFET® MOSFET
100 V, 10 A, 180 mΩ
Description
©2000 Fairchild Semiconductor Corporation
FQD13N10 Rev. C1
www.fairchildsemi.com
1
This N-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor’s proprietary
planar stripe and DMOS technology. This advanced
MOSFET technology has been especially tailored to reduce
on-state resistance, and to provide superior switching
performance and high avalanche energy strength. These
devices are suitable for switched mode power supplies,
audio amplifier, DC motor control, and variable switching
power applications.
Features
• 10 A, 100 V, RDS(on) = 180 mΩ (Max.) @ VGS = 10 V,
ID = 5 A
• Low Gate Charge (Typ. 12 nC)
• Low Crss (Typ. 20 pF)
• 100% Avalanche Tested
Absolute Maximum Ratings T
C = 25°C unless otherwise noted.
D-PAK
G
S
D
G
S
D
Symbol
Parameter
FQD13N10TM
Unit
RJC
Thermal Resistance, Junction to Case, Max.
3.13
oC/W
RJA
Thermal Resistance, Junction to Ambient (Minimum Pad of 2-oz Copper), Max.
110
Thermal Resistance, Junction to Ambient (*1 in2 Pad of 2-oz Copper), Max.
50
Symbol
Parameter
FQD13N10TM
Unit
VDSS
Drain-Source Voltage
100
V
ID
Drain Current
10
A
- Continuous (TC = 25°C)
- Continuous (TC = 100°C)
6.3
A
IDM
Drain Current
- Pulsed
(Note 1)
40
A
VGSS
Gate-Source Voltage
± 25
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
95
mJ
IAR
Avalanche Current
(Note 1)
10
A
EAR
Repetitive Avalanche Energy
(Note 1)
4.0
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
6.0
V/ns
PD
Power Dissipation (TA = 25°C) *
2.5
W
Power Dissipation (TC = 25°C)
40
W
- Derate above 25°C
0.32
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering,
.1/8" from case for 5 seconds
300
°C


同様の部品番号 - FQD13N10

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQD13N10 FAIRCHILD-FQD13N10 Datasheet
619Kb / 9P
   100V N-Channel MOSFET
FQD13N10 FAIRCHILD-FQD13N10 Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
logo
Tiger Electronic Co.,Lt...
FQD13N10 TGS-FQD13N10 Datasheet
269Kb / 2P
   N-Channel MOSFET Transistor
logo
Inchange Semiconductor ...
FQD13N10 ISC-FQD13N10 Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-07
logo
Fairchild Semiconductor
FQD13N10L FAIRCHILD-FQD13N10L Datasheet
548Kb / 9P
   100V LOGIC N-Channel MOSFET
More results

同様の説明 - FQD13N10

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQB5N90 FAIRCHILD-FQB5N90_13 Datasheet
709Kb / 9P
   N-Channel QFET MOSFET
FQT7N10TF FAIRCHILD-FQT7N10TF Datasheet
628Kb / 8P
   N-Channel QFET MOSFET
FQD4N25TM FAIRCHILD-FQD4N25TM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQD18N20V2 FAIRCHILD-FQD18N20V2_13 Datasheet
737Kb / 9P
   N-Channel QFET MOSFET
FQPF13N50T FAIRCHILD-FQPF13N50T Datasheet
1Mb / 10P
   N-Channel QFET MOSFET
FQD19N10 FAIRCHILD-FQD19N10_13 Datasheet
545Kb / 8P
   N-Channel QFET MOSFET
FQD13N10 FAIRCHILD-FQD13N10_13 Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQD19N10L FAIRCHILD-FQD19N10L_13 Datasheet
530Kb / 8P
   N-Channel QFET MOSFET
FQP6N80C FAIRCHILD-FQP6N80C_13 Datasheet
855Kb / 10P
   N-Channel QFET MOSFET
FQT7N10LTF FAIRCHILD-FQT7N10LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com