データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD707 データシート(PDF) 2 Page - Analog Devices

部品番号 AD707
部品情報  Ultralow Drift Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD707 データシート(HTML) 2 Page - Analog Devices

  AD707_15 Datasheet HTML 1Page - Analog Devices AD707_15 Datasheet HTML 2Page - Analog Devices AD707_15 Datasheet HTML 3Page - Analog Devices AD707_15 Datasheet HTML 4Page - Analog Devices AD707_15 Datasheet HTML 5Page - Analog Devices AD707_15 Datasheet HTML 6Page - Analog Devices AD707_15 Datasheet HTML 7Page - Analog Devices AD707_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD707–SPECIFICATIONS
REV. B
–2–
(@ +25 C and
15 V, unless otherwise noted)
AD707J/A
AD707K/B
Conditions
Min
Typ
Max
Min
Typ
Max
Units
INPUT OFFSET VOLTAGE
Initial
30
90
10
25
µV
vs. Temperature
0.3
1.0
0.1
0.3
µV/°C
TMIN to TMAX
50
100
15
45
µV
Long-Term Stability
0.3
0.3
µV/month
Adjustment Range
R2 = 20 k
Ω (Figure 19)
±4
±4mV
INPUT BIAS CURRENT
1.0
2.5
0.5
2.0
nA
TMIN to TMAX
2.0
4.0
1.5
4.0
nA
Average Drift
15
40
15
40/40/40
pA/
°C
OFFSET CURRENT
VCM = 0 V
0.5
2.0
0.3
1.5
nA
TMIN to TMAX
2.0
4.0
1.0
2.0
nA
Average Drift
2
40
1
25/25/35
pA/
°C
INPUT VOLTAGE NOISE
0.1 Hz to 10 Hz
0.23
0.6
0.23
0.6
µV p-p
f = 10 Hz
10.3
28
10.3
18
nV/
√Hz
f = 100 Hz
10.0
13.0
10.0
12
nV/
√Hz
f = 1 kHz
9.6
11.0
9.6
11.0
nV/
√Hz
INPUT CURRENT NOISE
0.1 Hz to 10 Hz
14
35
14
30
pA p-p
f = 10 Hz
0.32
0.9
0.32
0.8
pA/
√Hz
f = 100 Hz
0.14
0.27
0.14
0.23
pA/
√Hz
f = 1 kHz
0.12
0.18
0.12
0.17
pA/
√Hz
COMMON-MODE
REJECTION RATIO
VCM =
±13 V
120
140
130
140
dB
TMIN to TMAX
120
140
120
140
dB
OPEN-LOOP GAIN
VO =
±10 V
RLOAD
≥ 2 kΩ
3
13
5
13
V/
µV
TMIN to TMAX
3
13
3
13
V/
µV
POWER SUPPLY
REJECTION RATIO
VS = ± 3 V to ± 18 V
110
130
115
130
dB
TMIN to TMAX
110
130
110
130
dB
FREQUENCY RESPONSE
Closed-Loop Bandwidth
0.4
0.9
0.4
0.9
MHz
Slew Rate
0.12
0.3
0.12
0.3
V/
µs
INPUT RESISTANCE
Differential
24
100
45
200
M
Common Mode
200
300
G
OUTPUT CHARACTERISTICS
Voltage
RLOAD ≥ 10 kΩ
13.5
14
13.5
14
±V
RLOAD ≥ 2 kΩ
12.5
13.0
12.5
13.0
±V
RLOAD ≥ 1 kΩ
12.0
12.5
12.0
12.5
±V
RLOAD ≥ 2 kΩ
TMIN to TMAX
12.0
13.0
12.0
13.0
±V
OPEN-LOOP OUTPUT
RESISTANCE
60
60
POWER SUPPLY
Current, Quiescent
2.5
3
2.5
3
mA
Power Consumption, No Load
VS =
±15 V
75
90
75
90
mW
VS =
±3 V
7.5
9.0
7.5
9.0
mW
NOTES
All min and max specifications are guaranteed. Specifications in boldface are tested on all production units at final electrical test. Results from those tests are used to
calculate outgoing quality levels.
Specifications subject to change without notice.


同様の部品番号 - AD707_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD707AH AD-AD707AH Datasheet
326Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD707AH AD-AD707AH Datasheet
268Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD707AQ AD-AD707AQ Datasheet
326Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD707AQ AD-AD707AQ Datasheet
268Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD707AR AD-AD707AR Datasheet
326Kb / 8P
   Ultralow Drift Op Amp
REV. B
More results

同様の説明 - AD707_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD707 AD-AD707 Datasheet
326Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD707CH AD-AD707CH Datasheet
268Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD647 AD-AD647_15 Datasheet
385Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
AD647 AD-AD647 Datasheet
378Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
ADA4528-2ARMZ AD-ADA4528-2ARMZ Datasheet
972Kb / 29P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. D
ADA4528-1 AD-ADA4528-1 Datasheet
737Kb / 20P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. 0
ADA4528-1 AD-ADA4528-1_17 Datasheet
712Kb / 28P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8597 AD-AD8597 Datasheet
113Kb / 3P
   Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com