データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD712 データシート(PDF) 6 Page - Analog Devices

部品番号 AD712
部品情報  Precision, Low Cost, High Speed BiFET Dual Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD712 データシート(HTML) 6 Page - Analog Devices

Back Button AD712_15 Datasheet HTML 2Page - Analog Devices AD712_15 Datasheet HTML 3Page - Analog Devices AD712_15 Datasheet HTML 4Page - Analog Devices AD712_15 Datasheet HTML 5Page - Analog Devices AD712_15 Datasheet HTML 6Page - Analog Devices AD712_15 Datasheet HTML 7Page - Analog Devices AD712_15 Datasheet HTML 8Page - Analog Devices AD712_15 Datasheet HTML 9Page - Analog Devices AD712_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD712
Rev. H | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
SUPPLY VOLTAGE ± V
20
15
0
10
5
05
10
15
20
RL = 2kΩ
25°C
Figure 2. Input Voltage Swing vs. Supply Voltage
SUPPLY VOLTAGE ± V
20
15
0
05
10
5
10
15
20
+VOUT
–VOUT
RL = 2kΩ
25°C
Figure 3. Output Voltage Swing vs. Supply Voltage
LOAD RESISTANCE (
Ω)
30
25
0
15
10
5
20
10
100
1k
10k
±15V SUPPLIES
Figure 4. Output Voltage Swing vs. Load Resistance
SUPPLY VOLTAGE ± V
6
5
2
4
3
0
5
10
15
20
Figure 5. Quiescent Current vs. Supply Voltage
TEMPERATURE (°C)
–60
1010
1011
1012
106
107
108
109
–40
–20
0
20
40
60
80
100
120
140
Figure 6. Input Bias Current vs. Temperature
FREQUENCY (Hz)
0.01
1k
1.0
0.1
10
100
10k
100k
1M
10M
Figure 7. Output Impedance vs. Frequency


同様の部品番号 - AD712_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-4BCPZ AD-AD7124-4BCPZ Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-4BCPZ-RL AD-AD7124-4BCPZ-RL Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-4BCPZ-RL7 AD-AD7124-4BCPZ-RL7 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
More results

同様の説明 - AD712_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD712 AD-AD712_06 Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712 AD-AD712 Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_02 Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JNZ AD-AD711JNZ Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD642 AD-AD642 Datasheet
395Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD642 AD-AD642_15 Datasheet
399Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com