データシートサーチシステム |
|
AD1833 データシート(PDF) 2 Page - Analog Devices |
|
AD1833 データシート(HTML) 2 Page - Analog Devices |
2 / 20 page REV. A –2– AD1833–SPECIFICATIONS Parameter Min Typ Max Unit Test Conditions ANALOG PERFORMANCE DIGITAL-TO-ANALOG CONVERTERS Dynamic Range (20 Hz to 20 kHz, –60 dBFS Input) with A-Weighted Filter AD1833A 106.5 110.0 dB AD1833A 110.5 dB fS = 96 kHz AD1833C 107.0 dB Total Harmonic Distortion + Noise –95 –89 dB Two channels active –94 dB Six channels active –95 dB 96 kHz, two channels active –94 dB 96 kHz, six channels active SNR 110 dB Interchannel Isolation 108 dB DC Accuracy Gain Error ±3% Interchannel Gain Mismatch 0.2 % Gain Drift 80 ppm/ ∞C Interchannel Crosstalk (EIAJ Method) –120 dB Interchannel Phase Deviation ±0.1 Degrees Volume Control Step Size (1023 Linear Steps) 0.098 % Volume Control Range (Max Attenuation) +63.5 (0.098) dB (%) Mute Attenuation –63.5 (0.098) dB (%) De-emphasis Gain Error ±0.1 dB Full-Scale Output Voltage at Each Pin (Single-Ended) 1 (2.8) V rms (V p-p) Output Resistance Measured Differentially 150 W Common-Mode Output Volts 2.2 V DAC INTERPOLATION FILTER—8 Mode (48 kHz) Pass Band 21.768 kHz Pass-Band Ripple ±0.01 dB Stop Band 24 kHz Stop-Band Attenuation 70 dB Group Delay 510 ms DAC INTERPOLATION FILTER—4 Mode (96 kHz) Pass Band 37.7 kHz Pass-Band Ripple ±0.03 dB Stop Band 55.034 kHz Stop-Band Attenuation 70 dB Group Delay 160 ms DAC INTERPOLATION FILTER—2 Mode (192 kHz) Pass Band 89.954 kHz Pass-Band Ripple ±1dB Stop Band 104.85 kHz Stop-Band Attenuation 70 dB Group Delay 140 ms TEST CONDITIONS, UNLESS OTHERWISE NOTED * Supply Voltages (AVDD, DVDDX)5 V Ambient Temperature 25 ∞C Input Clock 12.288 MHz, (8 Mode) Input Signal Nominally 1 kHz, 0 dBFS (Full-Scale) Input Sample Rate 48 kHz Measurement Bandwidth 20 Hz to 20 kHz Word Width 24 Bits Load Capacitance 100 pF Load Impedance 10 k W *Performance is identical for all channels (except for the Interchannel Gain Mismatch and Interchannel Phase Deviation specifications). |
同様の部品番号 - AD1833_15 |
|
同様の説明 - AD1833_15 |