データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1835A データシート(PDF) 2 Page - Analog Devices

部品番号 AD1835A
部品情報  2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1835A データシート(HTML) 2 Page - Analog Devices

  AD1835A_15 Datasheet HTML 1Page - Analog Devices AD1835A_15 Datasheet HTML 2Page - Analog Devices AD1835A_15 Datasheet HTML 3Page - Analog Devices AD1835A_15 Datasheet HTML 4Page - Analog Devices AD1835A_15 Datasheet HTML 5Page - Analog Devices AD1835A_15 Datasheet HTML 6Page - Analog Devices AD1835A_15 Datasheet HTML 7Page - Analog Devices AD1835A_15 Datasheet HTML 8Page - Analog Devices AD1835A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. A
–2–
AD1835A–SPECIFICATIONS
TEST CONDITIONS
Supply Voltages (AVDD, DVDD)
5.0 V
Ambient Temperature
25
°C
Input Clock
12.288 MHz (256
fS Mode)
ADC Input Signal
1.0078125 kHz, –1 dBFS (Full Scale)
DAC Input Signal
1.0078125 kHz, 0 dBFS (Full Scale)
Input Sample Rate (fS)
48 kHz
Measurement Bandwidth
20 Hz to 20 kHz
Word Width
24 Bits
Load Capacitance
100 pF
Load Impedance
47 k
Performance of all channels is identical (exclusive of the Interchannel Gain Mismatch and Interchannel Phase Deviation
specifications).
Parameter
Min
Typ
Max
Unit
ANALOG-TO-DIGITAL CONVERTERS
ADC Resolution
24
Bits
Dynamic Range (20 Hz to 20 kHz, –60 dB Input)
No Filter
100
103
dB
A-Weighted (48 kHz and 96 kHz)
105
dB
Total Harmonic Distortion + Noise (THD + N)
48 kHz
–95
–88.5
dB
96 kHz
–95
–87.5
dB
Interchannel Isolation
100
dB
Interchannel Gain Mismatch
0.025
dB
Analog Inputs
Differential Input Range (
Full Scale)
–2.828
+2.828
V
Common-Mode Input Voltage
2.25
V
Input Impedance
4
k
Input Capacitance
15
pF
VREF
2.25
V
DC Accuracy
Gain Error
±5%
Gain Drift
35
ppm/
°C
DIGITAL-TO-ANALOG CONVERTERS
DAC Resolution
24
Bits
Dynamic Range (20 Hz to 20 kHz, –60 dBFS Input)
No Filter
103
105
dB
With A-Weighted Filter (48 kHz and 96 kHz)
105
108
dB
Total Harmonic Distortion + Noise (48 kHz and 96 kHz)
–95
–90
dB
Interchannel Isolation
110
dB
DC Accuracy
Gain Error
4.0
%
Interchannel Gain Mismatch
0.025
dB
Gain Drift
200
ppm/
°C
Interchannel Crosstalk (EIAJ Method)
–120
dB
Interchannel Phase Deviation
0.1
Degrees
Volume Control Step Size (1023 Linear Steps)
0.098
%
Volume Control Range (Maximum Attenuation)
60
dB
Mute Attenuation
–100
dB
De-emphasis Gain Error
0.1
dB
Full-Scale Output Voltage at Each Pin (Single-Ended)
1.0 (2.8)
V rms (V p-p)
Output Resistance at Each Pin
180
Common-Mode Output Voltage
2.25
V
ADC DECIMATION FILTER, 48 kHz
*
Pass Band
21.77
kHz
Pass-Band Ripple
0.01
dB
Stop Band
26.23
kHz
Stop-Band Attenuation
120
dB
Group Delay
910
s


同様の部品番号 - AD1835A_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1835AAS AD-AD1835AAS Datasheet
386Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. 0
AD1835AAS AD-AD1835AAS Datasheet
239Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
AD1835AAS-REEL AD-AD1835AAS-REEL Datasheet
386Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. 0
AD1835AAS-REEL AD-AD1835AAS-REEL Datasheet
239Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
AD1835AASZ AD-AD1835AASZ Datasheet
239Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
More results

同様の説明 - AD1835A_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1835A AD-AD1835A Datasheet
386Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. 0
EVAL-AD1835AEB AD-EVAL-AD1835AEB Datasheet
239Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
AD1837 AD-AD1837 Datasheet
523Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1835 AD-AD1835_15 Datasheet
705Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1837A AD-AD1837A_15 Datasheet
407Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1837A AD-AD1837A Datasheet
401Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1835 AD-AD1835 Datasheet
326Kb / 23P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. PrA
AD1837 AD-AD1837_15 Datasheet
533Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1838 AD-AD1838 Datasheet
424Kb / 24P
   2 ADC, 6 DAC,96 kHz, 24-Bit Codec
REV. 0
AD1838A AD-AD1838A_15 Datasheet
537Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com