データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1836A データシート(PDF) 6 Page - Analog Devices

部品番号 AD1836A
部品情報  Multichannel 96 kHz Codec
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1836A データシート(HTML) 6 Page - Analog Devices

Back Button AD1836A_15 Datasheet HTML 2Page - Analog Devices AD1836A_15 Datasheet HTML 3Page - Analog Devices AD1836A_15 Datasheet HTML 4Page - Analog Devices AD1836A_15 Datasheet HTML 5Page - Analog Devices AD1836A_15 Datasheet HTML 6Page - Analog Devices AD1836A_15 Datasheet HTML 7Page - Analog Devices AD1836A_15 Datasheet HTML 8Page - Analog Devices AD1836A_15 Datasheet HTML 9Page - Analog Devices AD1836A_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD1836A
Data Sheet
Rev. A | Page 6 of 24
Table 7. Timing Specifications
Parameter
Comments
Min
Max
Unit
MASTER CLOCK AND RESET
tMH
MCLK High
512 × fS Mode
18
ns
tML
MCLK Low
512 × fS Mode
18
ns
tMCLK
MCLK Period
512 × fS Mode
36
ns
fMCLK
MCLK Frequency
512 × fS Mode
27
MHz
tPDR
PD/RST Low
5
ns
tPDRR
PD/RST Recovery
Reset to Active Output
4500
tMCLK
SPI PORT
tCHH
CCLK High
10
ns
tCHL
CCLK Low
10
ns
tCDS
CDATA Setup
To CCLK Rising
5
ns
tCDH
CDATA Hold
From CCLK Rising
5
ns
tCLS
CLATCH Setup
To CCLK Rising
5
ns
tCLH
CLATCH Hold
From CCLK Falling
5
ns
tCODE
COUT Enable
From CCLK Falling
10
ns
tCOD
COUT Delay
From CCLK Falling
10
ns
tCOH
COUT Hold
From CCLK Falling
0
ns
tCOTS
COUT Three-State
From CCLK Falling
10
ns
DAC SERIAL PORT
(Normal Modes)
tDBH
DBCLK High
15
ns
tDBL
DBCLK Low
15
ns
fDB
DBCLK Frequency
64 × fS
ns
tDLS
DLRCLK Setup
To DBCLK Rising
0
ns
tDLH
DLRCLK Hold
From DBCLK Rising
10
ns
tDDS
DSDATA Setup
To DBCLK Rising
0
ns
tDDH
DSDATA Hold
From DBCLK Rising
20
ns
DAC SERIAL PORT
(Packed 128 Mode, Packed 256 Mode)
tDBH
DBCLK High
15
ns
tDBL
DBCLK Low
15
ns
fDB
DBCLK Frequency
256 × fS
ns
tDLS
DLRCLK Setup
To DBCLK Rising
0
ns
tDLH
DLRCLK Hold
From DBCLK Rising
10
ns
tDDS
DSDATA Setup
To DBCLK Rising
0
ns
tDDH
DSDATA Hold
From DBCLK Rising
20
ns
ADC SERIAL PORT
(Normal Modes)
tABD
ABCLK Delay
From MCLK Transition, 256 × fS Mode
From MCLK Rising, 512 × fS Mode
15
ns
tALS
LRCLK Skew
From ABCLK Falling
–2
+2
ns
tABDD
ASDATA Delay
From ABCLK Falling
5
ns
ADC SERIAL PORT
(Packed 128 Mode, Packed 256 Mode)
tABD
ABCLK Delay
From MCLK Transition, 256 × fS Mode
From MCLK Rising, 512 × fS Mode
15
ns
tALS
LRCLK Skew
From ABCLK Falling
–2
+2
ns
tABDD
ASDATA Delay
From ABCLK Falling
5
ns
ADC SERIAL PORT
(TDM Packed AUX)
tABD
ABCLK Delay
From MCLK Transition, 256 × fS Mode
From MCLK Rising, 512 × fS Mode
15
ns
tALS
LRCLK Skew
From ABCLK Falling
–2
+2
ns
tABDD
ASDATA Delay
From ABCLK Falling
5
ns
tDDS
DSDATA1 Hold
To ABCLK Rising
0
ns
tDDH
DSDATA1 Hold
From ABCLK Rising
7
ns
AUXILIARY INTERFACE
tAXDS
AAUXDATA Setup
To AUXBCLK Rising
7
ns
tAXDH
AAUXDATA Hold
From AUXBCLK Rising
10
ns
tDXDD
DAUXDATA Delay
From AUXBCLK Falling
25
ns


同様の部品番号 - AD1836A_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1836AAS AD-AD1836AAS Datasheet
2Mb / 24P
   Multichannel 96 kHz Codec
REV. 0
AD1836AASRL AD-AD1836AASRL Datasheet
2Mb / 24P
   Multichannel 96 kHz Codec
REV. 0
AD1836AASZ AD-AD1836AASZ Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836AASZRL AD-AD1836AASZRL Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836ACS AD-AD1836ACS Datasheet
2Mb / 24P
   Multichannel 96 kHz Codec
REV. 0
More results

同様の説明 - AD1836A_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1836 AD-AD1836_15 Datasheet
884Kb / 18P
   Multichannel 96 kHz Codec
REV. PrC
AD1836AASZ AD-AD1836AASZ Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836A AD-AD1836A Datasheet
2Mb / 24P
   Multichannel 96 kHz Codec
REV. 0
AD1836 AD-AD1836 Datasheet
878Kb / 18P
   Multichannel 96 kHz Codec
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
logo
Texas Instruments
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
PCM3060 TI1-PCM3060_15 Datasheet
1Mb / 49P
[Old version datasheet]   96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Cirrus Logic
CS4228 CIRRUS-CS4228 Datasheet
487Kb / 30P
   24-Bit, 96 kHz Surround Sound Codec?
CS4228A CIRRUS-CS4228A Datasheet
518Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com